Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SAC
Description  Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SAC Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SAC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SAC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SAC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reverse
Stand-Off
Voltage
Minimum
Breakdown
Voltage
@IT=1.0mA
Maximum
Reverse
Leakage
@VRWM
Maximum
Clamping
Voltage
@IPP=5.0A
Maximum
Peak
Pulse
Current
FIG.3
Maximum
Junction
Capacitance
@0V
Working
Inverse
Blocking
Voltage
Inverse
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
Part
Number
VRWM(V)
VBR(V)
IR(µA)
VC(V)
IPP(A)
pF
VWIB(V)
IIB(mA)
VPIB(V)
SAC5.0
5.0
7.60
300
10.0
44.0
50
75
1.0
100
SAC6.0
6.0
7.90
300
11.2
41.0
50
75
1.0
100
SAC7.0
7.0
8.33
300
12.6
38.0
50
75
1.0
100
SAC8.0
8.0
8.89
100
13.4
36.0
50
75
1.0
100
SAC8.5
8.5
9.44
50
14.0
34.0
50
75
1.0
100
SAC10
10.0
11.10
5
16.3
29.0
50
75
1.0
100
SAC12
12.0
13.30
1
19.0
25.0
50
75
1.0
100
SAC15
15.0
16.70
1
23.6
20.0
50
75
1.0
100
SAC18
18.0
20.00
1
28.8
15.0
50
75
1.0
100
SAC22
22.0
24.40
1
35.4
14.0
50
75
1.0
100
SAC26
26.0
28.90
1
42.3
11.1
50
75
1.0
100
SAC30
30.0
33.30
1
48.6
10.0
50
75
1.0
100
SAC36
36.0
40.00
1
60.0
8.6
50
75
1.0
100
SAC45
45.0
50.00
1
77.0
6.8
50
150
1.0
200
SAC50
50.0
55.50
1
88.0
5.8
50
150
1.0
200
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
5.80
7.60
0.230
0.300
d
2.60
3.60
0.104
0.140
s
0.71
0.86
0.028
0.034
L
L
T
d
s
DIA.
DIA.
DO-204AC/DO-15
Transient
SAC Series
MERITEK
PACKAGE DIMENSIONS
SPECIFICATIONS
2
Rev 7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com