Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SHT
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SHT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SHT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SHT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SHT Series
(High Temperature)
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.4
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.4
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.4
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 8.0
6.2
8.3
9.5MAX
3.4
0.65±0.1
2.2
0.35
+0.15
-0.20
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
10.3 12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
0R1
4x5.4
2
0.22
R22
4x5.4
4
0.33
R33
4x5.4
4
0.47
R47
4x5.4
5
1
010
4x5.4
8
2.2
2R2
4x5.4
11
3.3
3R3
4x5.4
14
4.7
4R7
4x5.4
14
4x5.4
15
5x5.4
19
10
100
4x5.4
19
5x5.4
23
5x5.4
25
6.3x5.4
31
22
220
4x5.4
23
5x5.4
29
5x5.4
32
6.3x5.4
39
6.3x5.4
42
8x6.2
60
33
330
5x5.4
32
5x5.4
35
6.3x5.4
45
6.3x5.4
48
6.3x5.4
50
8x10.2
90
8x6.2
70
47
470
5x5.4
38
6.3x5.4
48
6.3x5.4
55
6.3x5.4
60
8x10.2
100
8x10.2
110
8x6.2
75
10x10.2
120
100
101
6.3x5.4
65
6.3x5.4
70
6.3x5.4
80
8x10.2
140
8x10.2
150
8x10.2
160
8x6.2
90
8x10.2
120
10x10.2
170
10x10.2
180
220
221
6.3x5.4
95
8x10.2
160
8x10.2
180
8x10.2
200
8x10.2
220
10x10.2
270
10x10.2
210
10x10.2
230
10x10.2
250
330
331
8x10.2
170
8x10.2
220
8x10.2
250
10x10.2
300
10x10.2
260
10x10.2
290
470
471
8x10.2
230
8x10.2
270
10x10.2
340
10x10.2
270
10x10.2
300
1000
102
8x10.2
290
10x10.2
340
1500
152
10x10.2
410
Case size
: D x L
(mm)
Max ripple current
: mA(rms) 105°C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com