Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7884 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7884
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7884 Datasheet HTML 8Page - Analog Devices AD7884 Datasheet HTML 9Page - Analog Devices AD7884 Datasheet HTML 10Page - Analog Devices AD7884 Datasheet HTML 11Page - Analog Devices AD7884 Datasheet HTML 12Page - Analog Devices AD7884 Datasheet HTML 13Page - Analog Devices AD7884 Datasheet HTML 14Page - Analog Devices AD7884 Datasheet HTML 15Page - Analog Devices AD7884 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7884/AD7885
REV. C
–13–
AD7885 to 8088 Interface
The AD7885, with its byte (8 + 8) data format, is ideal for use
with the 8088 microprocessor. Figure 20 is the interface dia-
gram. Conversion is started by enabling CSA. At the end of
conversion, data is read into the processor. The read instruc-
tions are:
MOV AX, C001
Read 8 MSBs of data
MOV AX, C000
Read 8 LSBs of data
8088
AD7885
ADDRESS
DECODE LOGIC
A15 – A8
AD7 – AD0
MN/MX
+5 V
HBEN
IO/M
ALE
A0
RD
ADDRESS BUS
CONVST
CS
RD
DB7 – DB0
CSA
CSB
DATA BUS
STB
8282
Figure 20. AD7885 to 8088 Interface
AD7884 to ADSP-2101 Interface
Figure 21 shows an intcrface between the AD7884 and the
ADSP-2101. Conversion is initiated using a timer which allows
very accurate control of the sampling instant. The AD7884
BUSY
line provides an interrupt to the ADSP-2101 when con-
version is completed. The RD pulse width of the processor can
be programmed using the Data Memory Wait State Control
Register. The result can then be read from the ADC using the
following instruction:
MR0 = DM (ADC)
where MR0 is the ADSP-2101 MR0 register, and
where ADC is the AD7884 address.
ADDRESS
DECODE LOGIC
ADSP-2101
DMA13 – DMA0
DMD15 – DMD0
IRQn
DMS
RD
EN
TIMER
AD7884
ADDRESS BUS
DATA BUS
CONVST
CS
RD
DB15 – DB0
BUSY
Figure 21. AD7884 to ADSP-2101 Interface
Stand-Alone Operation
If CS and RD are tied permanently low on the AD7884, then,
when a conversion is completed, output data will be valid on the
rising edge of BUSY. This makes the device very suitable for
stand-alone operation. All that is required to run the device is an
external CONVST pulse which can be supplied by a sample
timer. Figure 22 shows the AD7884 set up in this mode with the
BUSY
signal providing the clock for the 74HC574 3-state
latches.
TIMER
AD7884
CONVST
CS
RD
DB15 – DB8
BUSY
HBEN
A0
74HC574
74HC574
CLK
CLK
DB7 – DB0
Figure 22. Stand-Alone Operation
Digital Feedthrough from an Active Bus
It is very important when using the AD7884/AD7885 in a
microprocessor-based system to isolate the ADC data bus from
the active processor bus while a conversion is being executed.
This will yield the best noise performance from the ADC.
Latches like the 74HC574 can be used to do this. If the device
is connected directly to an active bus then the converter noise
will typically increase by a factor of 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com