Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SNP
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SNP Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SNP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SNP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SNP Series
(Non Polarity, 85°C)
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.4
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.4
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.4
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
0R1
4x5.4
2
0.22
R22
4x5.4
3
0.33
R33
4x5.4
4
0.47
R47
4x5.4
5
1.0
010
4x5.4
7
2.2
2R2
4x5.4
10
5x5.4
12
3.3
3R3
5x5.4
13
5x5.4
14
5x5.4
14
4.7
4R7
4x5.4
14
5x5.4
16
5x5.4
17
6.3x5.4
19
10
100
4x5.4
19
5x5.4
23
6.3x5.4
27
6.3x5.4
28
22
220
5x5.4
29
6.3x5.4
36
6.3x5.4
39
33
330
6.3x5.4
41
6.3x5.4
45
6.3x5.4
48
47
470
6.3x5.4
49
Case size
: D x L
(mm)
Max ripple current
: mA(rms) 85°C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com