Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP1020 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KP1020
Description  PRODUCT SPECIFICATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1020 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KP1020_10 Datasheet HTML 1Page - COSMO  Electronics Corporation KP1020_10 Datasheet HTML 2Page - COSMO  Electronics Corporation KP1020_10 Datasheet HTML 3Page - COSMO  Electronics Corporation KP1020_10 Datasheet HTML 4Page - COSMO  Electronics Corporation KP1020_10 Datasheet HTML 5Page - COSMO  Electronics Corporation KP1020_10 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/26/2010
NO.60P02009
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KP1020
SHEET 2 OF 6
REV.
1
Outside Dimension:Unit ( mm )
1 . 2 0
2 . 5 4
0 . 5
0 . 2 6
6 . 5 0
7 . 6 2
1 3 . 0 0
1 3 . 0 0
9 . 6 8
X X X
1 0 2 0
D a t e
C o d e
TOLERANCE:±0.2mm
Schematic:Top View
3
4
2
1
6
5
7
8
1,3. Anode
2,4. Cathode
5,7. Emitter
6,8. Collector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com