Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSH Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SSH
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SSH Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SSH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SSH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
SSH Series
(105°C,5mmL)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
4
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
4x5
2
0.22
4x5
4
0.33
4x5
4
0.47
4x5
5
1.0
4x5
8
2.2
4x5
10
4x5
11
3.3
4x5
13
4x5
14
4.7
4x5
14
4x5
15
5x5
19
10
4x5
19
5x5
23
5x5
25
6.3x5
31
22
4x5
19
4x5
23
5x5
29
5x5
32
6.3x5
39
6.3x5
42
33
5x5
26
5x5
32
5x5
35
6.3x5
45
6.3x5
48
47
5x5
32
5x5
38
6.3x5
48
6.3x5
55
100
6.3x5
55
6.3x5
65
All blank voltage on sleeve marking is the same voltage as “” point to.
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
105
C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com