Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7890 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7890
Description  LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7890 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7890 Datasheet HTML 9Page - Analog Devices AD7890 Datasheet HTML 10Page - Analog Devices AD7890 Datasheet HTML 11Page - Analog Devices AD7890 Datasheet HTML 12Page - Analog Devices AD7890 Datasheet HTML 13Page - Analog Devices AD7890 Datasheet HTML 14Page - Analog Devices AD7890 Datasheet HTML 15Page - Analog Devices AD7890 Datasheet HTML 16Page - Analog Devices AD7890 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7890
–13–
REV. A
The duration of the internal pulse can be seen on the CEXT pin.
The CEXT pin goes from a low to a high when a serial write to
the part is initiated (on the falling edge of TFS). It starts to
discharge on the sixth falling edge of SCLK in the serial write
operation. Once the CEXT pin has discharged to crossing its
nominal trigger point of 2.5 V, the internal pulse is timed out.
The internal pulse is initiated each time a write operation to the
Control Register takes place. As a result, the pulse is initiated
and the conversion process delayed for all software conversion
start commands. For hardware conversion start, it is possible to
separate the conversion start command from the internal pulse.
If the multiplexer output (MUX OUT) is connected directly to
the track/hold input (SHA IN), then no external settling has to
be taken into account by the internal pulse width. In applica-
tions where the multiplexer is switched and conversion is not
initiated until more than 2
µs after the channel is changed (as is
possible with a hardware conversion start), the user does not
have to worry about connecting any capacitance to the CEXT
pin. The 2
µs equates to the track/hold acquisition time of the
AD7890. In applications where the multiplexer is switched and
conversion is initiated at the same time (such as with a software
conversion start), a 120 pF capacitor should be connected to
CEXT to allow for the acquisition time of the track/hold before
conversion is initiated.
If external circuitry is connected between MUX OUT and SHA
IN, then the extra settling time introduced by this circuitry will
have to be taken into account. In the case where the multiplexer
change command and the conversion start command are sepa-
rated, they need to be separated by greater than the acquisition
time of the AD7890 plus the settling time of the external cir-
cuitry if the user does not have to worry about the CEXT capaci-
tance. In applications where the multiplexer is switched and
conversion is initiated at the same time (such as with a software
conversion start), the capacitor on CEXT needs to allow for the
acquisition time of the track/hold plus the settling-time of the
external circuitry before conversion is initiated.
SERIAL INTERFACE
The AD7890’s serial communications port provides a flexible
arrangement to allow easy interfacing to industry-standard
microprocessors, microcontrollers and digital signal processors.
A serial read to the AD7890 accesses data from the output reg-
ister via the DATA OUT line. A serial write to the AD7890
writes data to the Control Register via the DATA IN line.
Two different modes of operation are available, optimized for
different types of interface where the AD7890 can act either as
master in the system (it provides the serial clock and data fram-
ing signal) or acts as slave (an external serial clock and framing
signal can be provided to the AD7890). These two modes,
labelled Self-Clocking Mode and External Clocking Mode, are
discussed in detail in the following sections.
Self-Clocking Mode
The AD7890 is configured for its Self-Clocking Mode by tying
the SMODE pin of the device to a logic low. In this mode, the
AD7890 provides the serial clock signal and the serial data
framing signal used for the transfer of data from the AD7890.
This Self-Clocking Mode can be used with processors which
allow an external device to clock their serial port including most
digital signal processors.
Read Operation
Figure 8 shows a timing diagram for reading from the AD7890
in the Self-Clocking mode. At the end of conversion, RFS goes
low and the serial clock (SCLK) and serial data (DATA OUT)
outputs become active. Sixteen bits of data are transmitted with
one leading zero, followed by the three address bits of the Con-
trol Register, followed by the 12-bit conversion result starting
with the MSB. Serial data is clocked out of the device on the ris-
ing edge of SCLK and is valid on the falling edge of SCLK. The
RFS
output remains low for the duration of the sixteen clock
cycles. On the sixteenth rising edge of SCLK, the RFS output is
driven high and DATA OUT is disabled.
SCLK (O)
DATA OUT (O)
RFS (O)
3-STATE
3-STATE
LEADING
ZERO
DB10
DB0
DB11
A0
A1
A2
t
2
t
3
t
5
t
4
t
6
t
7
t
1
NOTE
(I) SIGNIFIES AN INPUT; (O) SIGNIFIES AN OUTPUT. PULL-UP RESISTOR ON SCLK.
Figure 8. Self-Clocking (Master) Mode Output Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com