Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDR0802-331M Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SMDR0802-331M
Description  Unshielded SMT Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMDR0802-331M Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SMDR0802-331M Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMDR0802-331M Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMDR0802-331M Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMDR0802-331M Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MERITEK
Unshielded SMT Power Inductors
SMDR Series
SMDR 0402/0802/0804/0810/1206 TYPE
• I sat: The current when the inductance becomes 10%
lower than its initial value. (Ta = 20 ºC)
• I rms: The current when temperature of coil increases up
to Max.
T = 40 ºC (Ta = 20 ºC)
• Operating temperature: -40 to 85 ºC
CHARACTERISTICS
• High power, high saturation, low resistence
• Ideal inductors for DC-DC conversion in notebook
computer, PDAs, Step-up or step-down converters, flash
memory programmers, etc.
• SMDR0402 used ceramic base with gold-planting
• The others used LCP plastic base
FEATURES
SMDR0402..........1.0 ~ 1000 uH.............2.9 ~ 0.07A
SMDR0802..........10 ~ 1000 uH..............2.0 ~ 0.05A
SMDR0804..........1.0 ~ 1000 uH.............6.8 ~ 0.030A
SMDR0810..........10 ~ 1000 uH..............3.5 ~ 0.10A
SMDR1206..........1.0 ~ 1000 uH.............8.6 ~ 0.56A
INDUCTANCE AND RATED CURRENT RANGES
Test Equipments:
• L: Agilent 4284A LCR meter @ 100kHz 0.1V
• DC Resistance: Milli - ohm meter or equivalent
• SRF: Agilant 4291 B RF Impedance Analyzer
• Electrical specifications at 25 ºC
• Portable telephones
• Personable computers
• DC/DC converters, etc.
• Other various electronic appliances
APPLICATIONS
SMDR
Meritek Series
0802
Size (in mm)
Code
0402
0802
0804
0810
1206
See corresponded dimensions chart
Inductance (uH)
First two digits are significant figures
Third Digit denotes number of Zeros
470
-
Tolerance
Code
K
M
10%
20%
±
±
M
PART NUMBERING SYSTEM
(1) Type: Surface Mount
(2) Style: DR Core OD =8.5mm H=4.0mm
(3) Inductance: 470 for 47uH
(4) Inductance Tolerance: K :
±10%; M : ±20%
ORDERING INFORMATION
SM
DR0804
- 470
M
(1)
(2)
(3)
(4)
ITEM
A (MAX) B (MAX) C (MAX)
D
E
F
H
I
J
SMDR0402
6.60
4.45
2.82
4.32
1.27
1.02
3.56
1.40
4.06
SMDR0802
12.95
9.40
3.50
7.62
2.54
2.54
2.79
2.92
7.37
SMDR0804
12.95
9.40
5.21
7.62
2.54
2.54
2.79
2.92
7.37
SMDR0810
12.95
9.40
11.43
7.62
2.54
2.54
2.79
2.92
7.37
SMDR1206
18.54
15.24
7.11
12.70
2.54
2.54
2.79
2.92
12.45
Shape and Size: (Dimensions are in mm)


Similar Part No. - SMDR0802-331M

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
TAITRON Components Inco...
SMD TAITRON-SMD Datasheet
195Kb / 1P
SMD Zener
logo
DATEL, Inc.
SMD DATEL-SMD Datasheet
168Kb / 1P
SMD Analog-to-Digital Converters
logo
Shanghai Leiditech Elec...
SMD LEIDITECH-SMD Datasheet
391Kb / 8P
Surface-mount Devices
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
More results

Similar Description - SMDR0802-331M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
PB2020NL PULSE-PB2020NL Datasheet
96Kb / 1P
SMT POWER INDUCTORS Unshielded Drum Core - PB2020NL Series
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
SMT Power Inductors Unshielded Drum Core - PF0382NL Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com