Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # TMPP
Description  Metallized Polypropylene Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TMPP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  TMPP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
TMPP
FMPP
Rated Voltage
200VDC
400VDC
630VDC
250VDC
400VDC
630VDC
DIM.
CAP(μF)
ØD
L
ØD
L
ØD
L
W
H
T
W
H
T
W
H
T
0.010
5.0
15.0
5.5
15.0
6.5
15.0
0.015
5.0
15.0
6.0
15.0
7.0
15.0
0.022
6.0
15.0
7.0
15.0
8.0
15.0
0.033
6.0
15.0
7.5
15.0
8.0
21.0
0.047
6.5
15.0
8.0
21.0
9.0
21.0
0.068
7.5
15.0
8.0
21.0
10.5
21.0
0.10
8.0
15.0
8.5
21.0
11.0
27.0
15.0
10.0
6.0
21.0
12.0
7.0
27.0
13.0
8.0
0.15
8.0
21.0
10.0
21.0
12.0
27.0
21.0
11.0
6.0
21.0
13.0
7.0
27.0
15.0
9.0
0.22
9.0
21.0
9.5
27.0
14.0
33.0
21.0
11.0
7.0
27.0
14.0
8.0
33.0
19.0
10.0
0.33
10.5
21.0
12.0
27.0
16.0
33.0
21.0
13.0
8.0
27.0
16.0
10.0
33.0
20.0
12.0
0.47
10.5
27.0
13.0
33.0
18.0
33.0
27.0
14.0
8.0
33.0
20.0
12.0
33.0
22.0
14.0
0.68
12.5
27.0
15.0
33.0
20.0
37.0
27.0
16.0
10.0
33.0
22.0
13.0
37.0
24.0
15.0
1.0
14.0
33.0
18.0
34.0
22.0
37.0
33.0
18.0
11.0
33.0
21.0
13.5
37.0
25.0
16.0
1.5
16.0
33.0
20.0
37.0
33.0
20.0
12.5
37.0
24.0
16.0
42.0
29.0
20.0
2.2
18.0
33.0
22.0
37.0
33.0
22.0
14.0
42.0
25.0
16.0
47.0
34.0
24.0
3.3
20.0
37.0
24.0
42.0
37.0
24.0
15.0
47.0
34.0
23.0
4.7
22.0
37.0
26.0
47.0
37.0
27.0
17.0
Custom sizes available upon request
Custom values and tolerances available upon request
MERITEK
Metallized Polypropylene
Film Capacitors
TMPP & FMPP Series
(Axial Lead)
FEATURES
•
Low dissipation factor (DF), excellent for high frequency
applications
•
Miniature in size and light in weight
•
High reliability and excellent long-term stability
•
Flame retardant epoxy resin coating
SPECIFICATIONS
1.
Operating temperature: -40
oC to +105oC
2.
Capacitance range:
0.01
μF to 4.7μF
3.
Capacitance tolerance: ±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
250VDC, 400VDC, 630VDC
5.
Dissipation factor:
0.1% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C < 0.33μF)
>10000M
Ω • μF (C ≥ 0.33μF)
PART NUMBERING SYSTEM
TMPP
104
K
2G
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
( μF )
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
2D
2G
2J
200V
400V
630V
Tape & Reel / Tape & Ammo available for diameter 10mm or smaller
Please contact factory for part numbers
TMPP & FMPP are constructed with
metallized
polypropylene
film
dielectric,
tinned
copper leads, an outer wrapping of polyester film
tape and non-inductive epoxy resin end seals.
They are ideal for use in communication equipment,
timing circuits, and integrated filter networks.
MAX
OD
MAX
T
35mm
L
35mm
MIN
MAX
MIN
MIN
MIN
35mm
35mm
d
0.05
d
0.05
L
2
*Voltage derated at operating temperature >85
oC
Specifications are subject to change without notice.
rev.6a


Similar Part No. - TMPP

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
Low dissipation factor (DF), excellent for high frequency
logo
Texas Instruments
TMPP320C6202BGLW167 TI-TMPP320C6202BGLW167 Datasheet
1Mb / 83P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMPP

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com