Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

252H Datasheet(PDF) 1 Page - ebm-papst

Part # 252H
Description  Compact fan with low power consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

252H Datasheet(HTML) 1 Page - ebm-papst

  252H Datasheet HTML 1Page - ebm-papst 252H Datasheet HTML 2Page - ebm-papst 252H Datasheet HTML 3Page - ebm-papst 252H Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC axial compact fan
252 H
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
252 H
Nominal voltage
VDC
12
Nominal voltage range
VDC
10 .. 14
Speed
min-1
12000
Power input
W
0.7
Min. ambient temperature
°C
-10
Max. ambient temperature
°C
55
Air flow
m3/h
4.5
Sound power level
B
4.4
Sound pressure level
dB(A)
23
ml = max. load · me = max. efficiency · rfa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet D · Page 1 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 252H

ManufacturerPart #DatasheetDescription
logo
ebm-papst
252H EBMPAPST-252H Datasheet
394Kb / 4P
DC axial compact fan
252H EBMPAPST-252H Datasheet
394Kb / 4P
DC axial compact fan
More results

Similar Description - 252H

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-311 ROHM-SML-311 Datasheet
73Kb / 3P
Chip LEDs with low power consumption
logo
OPTEK Technologies
OVSA1GBC2R8 OPTEK-OVSA1GBC2R8 Datasheet
226Kb / 7P
High intensity with low power consumption
logo
TAITIEN ELECTRONICS CO....
T-ESTM TAITIEN-T-ESTM Datasheet
379Kb / 2P
Ultra-compact Low Power Consumption Portable Clock
logo
Quectel Wireless Soluti...
BC66 QUECTEL-BC66 Datasheet
491Kb / 2P
Compact LTE Cat NB1 Module with Ultra-low Power Consumption
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
BC92 QUECTEL-BC92 Datasheet
562Kb / 2P
Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
Compact GPS Module with Ultra Low Consumption
L70-RL QUECTEL-L70-RL Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com