Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPEN Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # TPEN
Description  Polyester Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TPEN Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  TPEN Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
Rated Voltage
50VDC
250VDC
400VDC
630VDC
DIM.
CAP(
μF)
ØD
L
dØ
ØD
L
dØ
ØD
L
dØ
ØD
L
dØ
0.0010
5.0
15.0
0.5
5.0
15.0
0.5
5.0
15.0
0.5
5.0
15.0
0.5
0.0015
5.0
15.0
0.5
5.0
15.0
0.5
5.0
15.0
0.5
6.0
15.0
0.5
0.0022
5.0
15.0
0.5
5.0
15.0
0.5
5.0
18.0
0.5
6.0
21.0
0.5
0.0033
5.0
15.0
0.5
5.0
15.0
0.5
6.0
18.0
0.5
6.0
21.0
0.5
0.0047
5.0
15.0
0.5
5.5
15.0
0.5
6.0
18.0
0.5
7.0
21.0
0.5
0.0068
5.5
15.0
0.5
5.5
15.0
0.5
7.5
18.0
0.6
7.5
21.0
0.6
0.01
5.5
15.0
0.5
6.0
15.0
0.5
8.5
18.0
0.6
7.5
21.0
0.6
0.015
6.5
15.0
0.5
7.0
15.0
0.6
10.0
18.0
0.6
7.5
24.0
0.6
0.022
6.0
18.0
0.6
7.0
18.0
0.6
9.0
21.0
0.6
8.5
24.0
0.6
0.033
6.5
18.0
0.6
7.0
21.0
0.6
9.5
24.0
0.6
9.5
27.0
0.6
0.047
6.5
21.0
0.6
7.5
21.0
0.6
11.0
24.0
0.6
11.0
27.0
0.6
0.068
7.5
21.0
0.6
8.0
21.0
0.6
10.5
27.0
0.6
13.0
27.0
0.8
0.1
8.0
24.0
0.6
8.5
24.0
0.6
12.5
27.0
0.6
15.0
35.0
0.8
0.15
9.0
24.0
0.6
9.5
24.0
0.8
14.0
33.0
0.8
0.22
10.0
27.0
0.6
10.0
33.0
0.8
16.0
35.0
0.8
0.33
10.5
33.0
0.6
14.0
33.0
0.8
0.47
12.0
33.0
0.6
16.0
34.0
0.8
Custom sizes available upon request
Custom values and tolerances available upon request
MERITEK
Polyester
Film Capacitors
TPEN Series
(Axial Tubular)
FEATURES
•
High stability and reliability
•
Excellent environmental performance
•
Low ESR and minimized dissipation factor
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.001
μF to 0.47μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
0.8% max. at 1KHz, 25
oC
6.
Insulation resistance:
>20000M
Ω (C < 0.1μF)
<2000M
Ω μF (C > 0.1μF)
PART NUMBERING SYSTEM
TPEN
102
J
2E
Meritek Series
Capacitance
CODE
102
103
104
( pF )
1,000
10,000
100,000
( nF )
1
10
100
(
μF )
0.001
0.01
0.1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2E
2G
2J
50V
250V
400V
630V
Tape & Reel / Tape & Ammo available for diameter 10 mm or smaller
Please contact factory for part number
TPEN are constructed with polyester film
dielectric, aluminum foil electrodes, tinned copper
leads, and an outer wrapping of non-inductive
polyester film. Both ends are sealed using an epoxy
resin. TPEN are suitable for use in timing, delay,
and oscillation circuits. Ideal applications include
instruments for telecommunications, i.e. signal
coupling and decoupling.
ations are subject to change without notice.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - TPEN

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE TOPPOWER-TPE Datasheet
385Kb / 3P
TPE 15V, 24V &48V Series
TPE TOPPOWER-TPE Datasheet
709Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
logo
Panasonic Semiconductor
TPE PANASONIC-TPE Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
logo
Toppower Electronic Tec...
TPE-2W TOPPOWER-TPE-2W Datasheet
254Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPE-3W TOPPOWER-TPE-3W Datasheet
753Kb / 3P
TP785.5-10
More results

Similar Description - TPEN

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com