Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7878LP Datasheet(PDF) 12 Page - Analog Devices

Part # AD7878LP
Description  LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7878LP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7878LP Datasheet HTML 8Page - Analog Devices AD7878LP Datasheet HTML 9Page - Analog Devices AD7878LP Datasheet HTML 10Page - Analog Devices AD7878LP Datasheet HTML 11Page - Analog Devices AD7878LP Datasheet HTML 12Page - Analog Devices AD7878LP Datasheet HTML 13Page - Analog Devices AD7878LP Datasheet HTML 14Page - Analog Devices AD7878LP Datasheet HTML 15Page - Analog Devices AD7878LP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7878
–12–
REV. A
The MC68000
AS and R/W outputs are used to generate sepa-
rate
DMWR and DMRD inputs for the AD7878. As with the
three interfaces previously described, WAIT states are inserted if
a read/write operation is attempted while the track/hold amplifier
is going from the track to the hold mode.
Figure 21. AD7878–MC68000 Interface
Typical AD7878 Microprocessor Operating Sequence
After power-up or reset, the status/control register is initialized
by writing to the AD7878. This enables the
ALFL output if
required for a microprocessor interrupt and sets the effective word
length of the FIFO memory. The processor now executes the
main body of the program while waiting for an ADC interrupt.
This interrupt will occur when the preprogrammed number of
samples are collected in the FIFO memory. The interrupt ser-
vice routine first interrogates DB5(FOOR) of the status/control
register to determine if any sample in the FIFO memory is out
of range. If all data samples are valid, then the program pro-
ceeds to read the FIFO memory. If, on the other hand, at least
one sample is out of range, then an overrange routine is called.
There are many actions that can be taken by the out of range
routine, the selection of which is application dependent. One
option is to ignore all the current samples residing in the FIFO
memory, reinitialize the status/control register and return to the
main body of the program. Another option is to check the indi-
vidual out of range status of each word in the FIFO memory
and to discard the invalid ones. The underrange or overrange
status of each word can also be determined and the analog input
adjusted accordingly before returning to the main program.
Note: there is no need to check the out-of-range status if the
analog input is always assured to be within range.
THROUGHPUT RATE
The AD7878 has a maximum specified throughput rate (sample
rate) of 100 kHz. This is a worst-case test condition and specifi-
cations apply for reduced sampling rates, provided that Nyquist
criterion is obeyed. The throughput rate must take into account
ADC
CONVST pulse width, ADC conversion time and the
track/hold amplifier acquisition time. The time required for each
of these tasks is shown in Table II for a selection of DSP proces-
sors. Since the ADC clock has to be synchronized to the micro-
processor dock, the conversion time depends on the micro-
processor used. In addition, time must be allowed for reading data
from the AD7878. If this task is performed during the track/
hold amplifier acquisition period, then it does not impact the
overall throughput rate. However, if the read operations occur
during a conversion, they may stretch the conversion time and
reduce the track/hold amplifier acquisition time. The track/hold
amplifier requires a minimum of 2
µs to operate to specification.
The time required to read from the AD7878 depends on the
number of FIFO memory locations to be read and the software
organization.
As an example, consider an application using the ADSP-2100
and the AD7878 with a throughput rate of 100 kHz. The time
required for the
CONVST pulse and the ADC conversion is
7.375
µs. This leaves 2.625 µs for the track/hold acquisition
time and for reading the ADC (both operations occurring in
parallel). The ADSP-2100, when operating from a 32 MHz
clock, has an instruction cycle of 125 ns and an interrupt re-
sponse time of 500 ns. This allows adequate time to perform
16 read operations within the time budget allowed.
Table II. AD7878 Throughput Rate
CONVST
Conversion
T/H Acquisition
Pulse Width
Time
Time
Number of
Non-
Clock Cycles
2 min
57 max
Applicable
ADSP-2100
1
250 ns min
7.125
µs max 2 µs min
TMS32010
2
400 ns min
11.14
µs max 2 µs min
TMS32020
2
400 ns min
11.14
µs max 2 µs min
NOTES
1ADSP-2100 Clock Frequency = 32 MHz.
2TMS320XX Clock Frequency = 20 MHz.
APPLICATION HINTS
Good printed circuit board (PCB) layout is as important as the
overall circuit design itself in achieving high speed A/D perfor-
mance. The AD7878 is required to make bit decisions on an
LSB size of 1.465 mV. To achieve this, the designer has to be
conscious of noise both in the ADC itself and in the preceding
analog circuitry. Switching mode power supplies are not recom-
mended as the switching spikes will feed through to the com-
parator, causing noisy code transitions. Other concerns are
ground loops and digital feedthrough from microprocessors.
These factors influence any ADC, and a proper PCB layout that
minimizes these effects is essential for best performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the
digital and analog signal lines separated as much as possible.
Take care not to run any digital track alongside an analog signal
track. Guard (screen) the analog input with AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com