Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2218F Datasheet(PDF) 2 Page - ebm-papst

Part # 2218F
Description  DC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

2218F Datasheet(HTML) 2 Page - ebm-papst

  2218F Datasheet HTML 1Page - ebm-papst 2218F Datasheet HTML 2Page - ebm-papst 2218F Datasheet HTML 3Page - ebm-papst 2218F Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial fan
2218 F/2TDH4P
Technical features
General description
Particular design features:
Very high-performance 200 mm fan with compact overall height.
Low operating noise level at high counterpressure.
Very smooth running 3-phase fan drive with high efficiency.
Standard models available with tach output and PWM control input (P) or 0-10VDC / PWM control
input (O).
General features:
Materials: Housing made of aluminium, impeller made of fibreglass-reinforced PA; housing with
grounding lug
for M4 x 8 screw.
Electronic commutation completely integrated.
Protected against reverse polarity and locking.
El. connection via single strands AWG 20, UL 1007 / AWG 22, UL 1061, bared and tin-plated.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Mass: 1000 g.
Mass
1.0 kg
Dimensions
220 x 200 x 51 mm
Lifetime L10 at 40 °C
70000 h
Lifetime L10 at maximum
temperature
40000 h
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com