Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7937AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD7937AR
Description  LC2MOS 84 Loading Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7937AR Datasheet(HTML) 2 Page - Analog Devices

  AD7937AR Datasheet HTML 1Page - Analog Devices AD7937AR Datasheet HTML 2Page - Analog Devices AD7937AR Datasheet HTML 3Page - Analog Devices AD7937AR Datasheet HTML 4Page - Analog Devices AD7937AR Datasheet HTML 5Page - Analog Devices AD7937AR Datasheet HTML 6Page - Analog Devices AD7937AR Datasheet HTML 7Page - Analog Devices AD7937AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
AD7937–SPECIFICATIONS
(VDD = 5 V
10%, VREFA = VREFB = 10 V; IOUTA = AGNDA = 0 V, IOUTB = AGNDB = 0 V. All
specifications TMIN to TMAX unless otherwise noted.)
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for Design Guidance only and are not subject to test.
(VDD = 5 V; VREFA = VREFB = 10 V; IOUTA = AGNDA = 0 V, IOUTB = AGNDB = 0 V. Output Amplifiers are AD644 except where noted.)
Parameter
TA = 25 C
Unit
Test Conditions/Comments
Output Current Settling Time
1
µs max
To 0.01% of full-scale range. IOUT load = 100
Ω, C
EXT = 13 pF. DAC output
measured from falling edge of
WR. Typical Value of Settling Time is 0.6
µs.
Digital-to-Analog Glitch lmpulse
2.5
nV-s typ
Measured with VREFA = VREFB = 0 V. IOUTA, IOUTB load = 100
Ω, C
EXT = 13 pF. DAC
registers alternately loaded with all 0s and all 1s.
AC Feedthrough
VREFA to IOUTA
–70
dB max
VREFA, VREFB = 20 V p-p 10 kHz sine wave.
VREFB to IOUTB
–70
dB max
DAC registers loaded with all 0s.
Power Supply Rejection
∆Gain/∆V
DD
±0.01
% per % max
∆V
DD = VDD max – VDD min.
Output Capacitance
COUTA
70
pF max
DAC A, DAC B loaded with all 0s.
COUTB
70
pF max
COUTA
140
pF max
DAC A, DAC B loaded with all 1s.
COUTB
140
pF max
Channel-to-Channel Isolation
VREFA to IOUTB
–84
dB typ
VREFA = 20 V p-p 10 kHz sine wave, VREFB = 0 V. Both DACs loaded with all 1s.
VREFB to IOUTA
–84
dB typ
VREFB = 20 V p-p 10 kHz sine wave, VREFA = 0 V. Both DACs loaded with all 1s.
Digital Crosstalk
2.5
nV-s typ
Measured for a Code Transition of all 0s to all 1s. IOUTA, IOUTB load = 100
Ω,
CEXT = 13 pF.
Output Noise Voltage Density
25
nV/
√Hz typ
Measured between RFBA and IOUTA or RFBB and IOUTB. Frequency of measurement
(10 Hz–100 kHz)
is 10 Hz–100 kHz.
Total Harmonic Distortion
–82
dB typ
VIN = 6 V rms, 1 kHz. Both DACs loaded with all 1s.
NOTES
1Temperature range as follows: A, B Versions: –40
°C to +85°C.
2Sample tested at 25
°C to ensure compliance.
Specifications subject to change without notice.
Parameter
A Version
B Version
Unit
Test Conditions/Comments
ACCURACY
Resolution
12
12
Bits
Relative Accuracy
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
All grades guaranteed monotonic over temperature.
Gain Error
±6
±3
LSB max
Measured using RFBA, RFBB. Both DAC registers loaded with all 1s.
Gain Temperature Coefficient
2;
∆Gain/∆Temperature
±5
±5
ppm/
°C max
Typical value is 1 ppm/
°C.
Output Leakage Current
IOUTA
5
5
nA max
DAC A Register loaded with all 0s.
10
10
nA max
IOUTB
5
5
nA max
DAC B Register loaded with all 0s.
10
10
nA max
REFERENCE INPUT
Input Resistance
9
9
k
Ω min
Typical Input Resistance = 14 k
Ω.
20
20
k
Ω max
VREFA, VREFB
Input Resistance Match
±3
±3
% max
Typically
±0.5%.
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
V min
VIL (Input Low Voltage)
0.8
0.8
V max
IIN (Input Current)
+25
°C
±1
±1
µA max
VIN = VDD.
TMIN to TMAX
±10
±10
µA max
CIN (Input Capacitance)
2
10
10
pF max
POWER SUPPLY
VDD
4.5/5.5
4.5/5.5
V min/V max
IDD
2
2
mA max
0.1
0.1
mA typ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com