Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8001 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8001
Description  800 MHz, 50 mW Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8001 Datasheet HTML 8Page - Analog Devices AD8001 Datasheet HTML 9Page - Analog Devices AD8001 Datasheet HTML 10Page - Analog Devices AD8001 Datasheet HTML 11Page - Analog Devices AD8001 Datasheet HTML 12Page - Analog Devices AD8001 Datasheet HTML 13Page - Analog Devices AD8001 Datasheet HTML 14Page - Analog Devices AD8001 Datasheet HTML 15Page - Analog Devices AD8001 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
AD8001
–13–
0.1 F
+VS
–VS
20
50
1k
18
17
16
15
14
13
12
11
–VREF A
10pF
CLOCK
5, 9, 22,
24, 37, 41
4,19, 21
25, 27, 42
0.1 F
38
8
–VREF B
6
+VINT
2
3
+VREF A
AIN A
649
324
ANALOG
IN A
0.5V
1.3k
AD707
43
+VREF B
20k
0.1 F
–2V
1.3k
20k
649
ANALOG
IN B
0.5V
324
20
0.1 F
40
COMP
1
AIN B
ENCODE A
ENCODE B
10
36
ENCODE
74ACT04
0.1 F
+5V
28
29
30
31
32
33
34
35
RZ1
RZ2
D0A (LSB)
D7A (MSB)
D0B (LSB)
D7B (MSB)
7, 20,
26, 39
–5V
1N4001
AD9058
(J-LEAD)
RZ1, RZ2 = 2,000
SIP (8-PKG)
8
8
AD8001
AD8001
Figure 48. AD8001 Driving a Dual A-to-D Converter
Driving A-to-D Converters
The AD8001 is well suited for driving high speed analog-to-
digital converters such as the AD9058. The AD9058 is a dual
8-bit 50 MSPS ADC. In the circuit below the AD8001 is shown
driving the inputs of the AD9058, which are configured for 0 V
to +2 V ranges. Bipolar input signals are buffered, amplified
(–2
×), and offset (by +1.0 V) into the proper input range of the
ADC. Using the AD9058’s internal +2 V reference connected
to both ADCs as shown in Figure 48 reduces the number of
external components required to create a complete data
acquisition system. The 20
Ω resistors in series with ADC in-
puts are used to help the AD8001s drive the 10 pF ADC input
capacitance. The AD8001 only adds 100 mW to the power
consumption while not limiting the performance of the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com