Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4606 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4606
Description  30V Complementary MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4606 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4606_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4606_12 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AO4606
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.2
1.8
2.4
V
ID(ON)
30
A
25
30
TJ=125°C
40
48
33.5
42
m
Ω
gFS
15
S
VSD
0.76
1
V
IS
2.5
A
Ciss
200
255
310
pF
Coss
30
45
60
pF
Crss
20
35
50
pF
Rg
1.6
3.25
4.9
Ω
Qg(10V)
4
5.2
6
nC
Qg(4.5V)
2
2.55
3
nC
Qgs
0.85
nC
Qgd
1.3
nC
tD(on)
4.5
ns
tr
2.5
ns
tD(off)
14.5
ns
N-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=4.5V, ID=5A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
µA
VDS=VGS ID=250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
ID=250µA, VGS=0V
m
Ω
On state drain current
IS=1A,VGS=0V
VDS=5V, ID=6A
Forward Transconductance
Diode Forward Voltage
VGS=10V, VDS=5V
VGS=10V, ID=6A
Reverse Transfer Capacitance
Total Gate Charge
VGS=10V, VDS=15V, ID=6A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=2.5Ω,
RGEN=3Ω
tD(off)
14.5
ns
tf
3.5
ns
trr
8.5
12
ns
Qrr
2.2
3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
IF=6A, dI/dt=100A/µs
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=6A, dI/dt=100A/µs
Turn-Off DelayTime
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 10: April 2012
www.aosmd.com
Page 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com