Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD797AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD797AR
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797AR Datasheet(HTML) 1 Page - Analog Devices

  AD797AR Datasheet HTML 1Page - Analog Devices AD797AR Datasheet HTML 2Page - Analog Devices AD797AR Datasheet HTML 3Page - Analog Devices AD797AR Datasheet HTML 4Page - Analog Devices AD797AR Datasheet HTML 5Page - Analog Devices AD797AR Datasheet HTML 6Page - Analog Devices AD797AR Datasheet HTML 7Page - Analog Devices AD797AR Datasheet HTML 8Page - Analog Devices AD797AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAM
8-Pin Plastic Mini-DIP (N),
Cerdip (Q) and SOIC (R) Packages
1
2
3
4
8
7
6
5
AD797
DECOMPENSATION &
DISTORTION
NEUTRALIZATION
OUTPUT
OFFSET NULL
–IN
+IN
+V
S
–V
S
OFFSET NULL
TOP VIEW
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultralow Distortion,
Ultralow Noise Op Amp
AD797*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Noise
0.9 nV/
√Hz typ (1.2 nV/√Hz max) Input Voltage
Noise at 1 kHz
50 nV p-p Input Voltage Noise, 0.1 Hz to 10 Hz
Low Distortion
–120 dB Total Harmonic Distortion at 20 kHz
Excellent AC Characteristics
800 ns Settling Time to 16 Bits (10 V Step)
110 MHz Gain Bandwidth (G = 1000)
8 MHz Bandwidth (G = 10)
280 kHz Full Power Bandwidth at 20 V p-p
20 V/ s Slew Rate
Excellent DC Precision
80
V max Input Offset Voltage
1.0
V/ C VOS Drift
Specified for
5 V and
15 V Power Supplies
High Output Drive Current of 50 mA
APPLICATIONS
Professional Audio Preamplifiers
IR, CCD, and Sonar Imaging Systems
Spectrum Analyzers
Ultrasound Preamplifiers
Seismic Detectors
ADC/DAC Buffers
PRODUCT DESCRIPTION
The AD797 is a very low noise, low distortion operational
amplifier ideal for use as a preamplifier. The low noise of
0.9 nV/
√Hz and low total harmonic distortion of –120 dB at
audio bandwidths give the AD797 the wide dynamic range
5
0
10M
3
1
100
2
10
4
1M
100k
10k
1k
FREQUENCY – Hz
AD797 Voltage Noise Spectral Density
*Patent pending.
necessary for preamps in microphones and mixing consoles.
Furthermore, the AD797’s excellent slew rate of 20 V/
µs and
110 MHz gain bandwidth make it highly suitable for low fre-
quency ultrasound applications.
The AD797 is also useful in IR and Sonar Imaging applications
where the widest dynamic range is necessary. The low distor-
tion and 16-bit settling time of the AD797 make it ideal for
buffering the inputs to
Σ∆ ADCs or the outputs of high resolu-
tion DACs especially when they are used in critical applications
such as seismic detection and spectrum analyzers. Key features
such as a 50 mA output current drive and the specified power
supply voltage range of
±5 to ±15 volts make the AD797 an
excellent general purpose amplifier.
–90
–130
300k
–120
300
100
–110
–100
100k
30k
10k
3k
1k
FREQUENCY – Hz
MEASUREMENT
LIMIT
0.001
0.0003
0.0001
THD vs. Frequency


Similar Part No. - AD797AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797AR AD-AD797AR Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797AR AD-AD797AR Datasheet
343Kb / 19P
Ultralow Distortion, Ultralow Noise Op Amp
AD797AR-REEL AD-AD797AR-REEL Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797AR-REEL7 AD-AD797AR-REEL7 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797AR-REEL7 AD-AD797AR-REEL7 Datasheet
343Kb / 19P
Ultralow Distortion, Ultralow Noise Op Amp
More results

Similar Description - AD797AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD743JR AD-AD743JR Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com