Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8002ARM
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8002ARM Datasheet HTML 8Page - Analog Devices AD8002ARM Datasheet HTML 9Page - Analog Devices AD8002ARM Datasheet HTML 10Page - Analog Devices AD8002ARM Datasheet HTML 11Page - Analog Devices AD8002ARM Datasheet HTML 12Page - Analog Devices AD8002ARM Datasheet HTML 13Page - Analog Devices AD8002ARM Datasheet HTML 14Page - Analog Devices AD8002ARM Datasheet HTML 15Page - Analog Devices AD8002ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
REV. C
AD8002
–12–
Driving A-to-D Converters
The AD8002 is well suited for driving high speed analog-to-
digital converters such as the AD9058. The AD9058 is a dual
8-bit 50 MSPS ADC. In the circuit below the AD8002 is shown
driving the inputs of the AD9058 which are configured for 0 V
to +2 V ranges. Bipolar input signals are buffered, amplified
(–2
×), and offset (by +1.0 V) into the proper input range of the
0.1 F
+VS
–VS
20
50
1k
18
17
16
15
14
13
12
11
–VREF A
10pF
CLOCK
5, 9, 22,
24, 37, 41
4,19, 21
25, 27, 42
0.1 F
38
8
–VREF B
6
+VINT
2
3
+VREF A
AIN A
549
274
ANALOG
IN A
0.5V
1.1k
AD707
43
+VREF B
20k
0.1 F
–2V
1.1k
20k
549
ANALOG
IN B
0.5V
274
20
0.1 F
40
COMP
1
AIN B
ENCODE A
ENCODE B
10
36
ENCODE
74ACT04
0.1 F
+5V
28
29
30
31
32
33
34
35
RZ1
RZ2
D0A (LSB)
D7A (MSB)
D0B (LSB)
D7B (MSB)
7, 20,
26, 39
–5V
1N4001
AD9058
(J-LEAD)
RZ1, RZ2 = 2,000
SIP (8-PKG)
8
8
1/2
AD8002
1/2
AD8002
50
50
Figure 46. AD8002 Driving a Dual A-to-D Converter
ADC. Using the AD9058’s internal +2 V reference connected
to both ADCs as shown in Figure 46 reduces the number of
external components required to create a complete data
acquisition system. The 20
Ω resistors in series with ADC in-
puts are used to help the AD8002s drive the 10 pF ADC input
capacitance. The AD8002 only adds 100 mW to the power
consumption while not limiting the performance of the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com