Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMXD3003TO Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXD3003TO
Description  180V, 200mA Triple Opposing,Low Leakage Switching Diodes in SOT-26 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXD3003TO Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXD3003TO Datasheet HTML 1Page - Central Semiconductor Corp CMXD3003TO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
180V, 200mA Triple Opposing,
Low Leakage Switching Diodes in SOT-26 package
Central Semiconductor’s CMXD3003TO consists of three (3)
isolated, low leakage silicon switching diodes arranged in an
alternating configuration and packaged in the SOT-26. This
device is suitable for a host of switching, signal blocking and
steering diode applications. These isolated diodes can be
arranged in multiple configurations by utilizing varied
mounting pad geometries.
SOT-26
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
• Energy efficiency
• Multiple configurations possible
• Industry standard SOT-26 package
Benefits:
Features:
• Very low leakage current (1.0nA)
• Low capacitance (4.0pF)
• Excellent high temperature performance
Applications:
• Voltage multiplier
• Steering diode array
• General purpose switching
Typical Electrical Characteristics
Electrical Characteristics Per Diode: (TA = 25˚C unless otherwise noted)
Thermal Characteristics
VR
(V)
MAX
IO
(mA)
MAX
VF
@ IF
(V)
(V)
(mA)
MIN
MAX
IR
@ VR
(V)
MAX
CT
(pF)
MAX
PD
(mW)
MAX
TJ, Tstg
(˚C)
MAX
ΘJA
(˚C/W)
MAX
180
200
0.62
0.72
0.80
0.83
0.87
0.90
0.72
0.83
0.89
0.93
1.10
1.15
1.0
10
50
100
200
300
1.0nA
3.0μA
10nA
5.0μA
125
125*
180
180*
4.0
350
-65 to +150
357
To order samples of this device visit:
www.centralsemi.com/info/CMXD3003TO
Samples:
Order your selection guide today.
Visit: web.centralsemi.com/search/sample.php
New
SMD
SELECTION
GUIDE
Literature:
* TA=150˚C
CMXD3003TO
Product Brief
Product Brief


Similar Part No. - CMXD3003TO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXD3003TO CENTRAL-CMXD3003TO Datasheet
495Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMXD3003TO CENTRAL-CMXD3003TO_15 Datasheet
495Kb / 2P
LOW LEAKAGE SILICON SWITCHING DIODES
More results

Similar Description - CMXD3003TO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD6001DO CENTRAL-CMLD6001DO Datasheet
89Kb / 2P
SURFACE MOUNT PICOmini??DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO Datasheet
94Kb / 2P
SURFACE MOUNT PICOmini DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO_10 Datasheet
580Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001DO CENTRAL-CMLD6001DO_10 Datasheet
579Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMXD6001 CENTRAL-CMXD6001_10 Datasheet
557Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMKD3003DO CENTRAL-CMKD3003DO Datasheet
494Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMXD3003TO CENTRAL-CMXD3003TO Datasheet
495Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
1Mb / 2P
75V, 250mA Ultra Low Leakage Switching Diode in the SOT-523W package
CMLD3003DO CENTRAL-CMLD3003DO_15 Datasheet
510Kb / 3P
LOW LEAKAGE SWITCHING DIODES
logo
Nexperia B.V. All right...
BAS116VY-Q NEXPERIA-BAS116VY-Q Datasheet
203Kb / 8P
Low-leakage triple switching diode
19 April 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com