Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3500 Datasheet(PDF) 2 Page - ebm-papst

Part # 3500
Description  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3500 Datasheet(HTML) 2 Page - ebm-papst

  3500 Datasheet HTML 1Page - ebm-papst 3500 Datasheet HTML 2Page - ebm-papst 3500 Datasheet HTML 3Page - ebm-papst 3500 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
3500
Technical features
General description
AC voltage fan with external rotor shaded-pole motor.
Protected from overload by
impedance protection.
Fan housing and fan impeller made of metal.
Air exhaust over bars. Rotational direction clockwise looking at rotor.
Electrical connection to 2 single strands. Strand ends bared and tin-plated.
Fan housing with grounding lug and tapping screw M4 x 8 (TORX).
Mass 420 g.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Mass
0.420 kg
Dimensions
92 x 92 x 38 mm
Material of impeller
Metal
Housing material
Metal
Direction of air flow
Air exhaust over bars
Direction of rotation
Right, looking at rotor
Bearing
Sintec sleeve bearing system
Lifetime L10 at 40 °C
62500 h
Lifetime L10 at maximum
temperature
25000 s
Connection line
2 single strands AWG 18, TR 64
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com