Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8017 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8017
Description  Dual High Output Current, High Speed Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017 Datasheet(HTML) 2 Page - Analog Devices

  AD8017 Datasheet HTML 1Page - Analog Devices AD8017 Datasheet HTML 2Page - Analog Devices AD8017 Datasheet HTML 3Page - Analog Devices AD8017 Datasheet HTML 4Page - Analog Devices AD8017 Datasheet HTML 5Page - Analog Devices AD8017 Datasheet HTML 6Page - Analog Devices AD8017 Datasheet HTML 7Page - Analog Devices AD8017 Datasheet HTML 8Page - Analog Devices AD8017 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. A
AD8017–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +2, VOUT < 0.4 V p-p
100
160
MHz
0.1 dB Bandwidth
VOUT < 0.4 V p-p
70
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
105
MHz
Slew Rate
Noninverting, VOUT = 2 V p-p, G = +2
1600
V/
µs
Rise and Fall Time
Noninverting, VOUT = 2 V p-p
2.6
ns
Settling Time
0.1%, VOUT = 4 V Step
35
ns
Overload Recovery
VIN = 5 V p-p
74
ns
NOISE/HARMONIC PERFORMANCE
Distortion
VOUT = 2 V p-p
2nd Harmonic
500 kHz, RL = 100
Ω/25 Ω
–78/–71
dBc
1 MHz, RL = 100
Ω/25 Ω
–76/–69
dBc
3rd Harmonic
500 kHz, RL = 100
Ω/25 Ω
–105/–91
dBc
1 MHz, RL = 100
Ω/25 Ω
–81/–72
dBc
IP3
500 kHz, RL = 100
Ω/25 Ω
40/35
dBm
IMD
500 kHz, RL = 100
Ω/25 Ω
–76/–66
dBc
MTPR
26 kHz to 1.1 MHz
–66
dBc
Input Noise Voltage
f = 10 kHz
1.9
nV/
√Hz
Input Noise Current
f = 10 kHz (+ Inputs)
23
pA
√Hz
f = 10 kHz (– Inputs)
21
pA
√Hz
Crosstalk
f = 5 MHz, G = +2
–66
dB
DC PERFORMANCE
Input Offset Voltage
1.8
3.0
mV
TMIN–TMAX
4.0
mV
Open Loop Transimpedance
VOUT = 2 V p-p
185
700
k
Ω
TMIN–TMAX
143
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
50
k
Ω
Input Capacitance
+Input
2.4
pF
Input Bias Current (+)
16
±45
µA
TMIN–TMAX
±67
µA
Input Bias Current (–)
1.0
±25
µA
TMIN–TMAX
±32
µA
CMRR
VCM =
±2.5 V
59
63
dB
Input CM Voltage Range
±5.1
V
OUTPUT CHARACTERISTICS
Output Resistance
0.2
Ω
Output Voltage Swing
RL = 25
Ω±4.6
±5.0
V
Output Current1
Highest Harmonic < –58 dBc,
200
270
mA
f = 1 MHz, RL = 10
Ω
TMIN–TMAX, Highest Harmonic < –52 dBc 100
mA
Short-Circuit Current
1500
mA
POWER SUPPLY
Supply Current/Amp
7.0
7.7
mA
TMIN–TMAX
7.8
mA
Operating Range
Dual Supply
±2.2
±6.0
V
Power Supply Rejection Ratio
58
61
dB
Operating Temperature Range
–40
+85
°C
NOTES
1Output current is defined here as the highest current load delivered by the output of each amplifier into a specified resistive load ( R
L = 10
Ω), while maintaining an
acceptable distortion level (i.e., less than –60 dBc highest harmonic) at a given frequency (f = 1 MHz).
Specifications subject to change without notice.
(@ +25 C, VS =
6 V, RL = 100
, RF = RG = 619
, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com