Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWDM305P Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CWDM305P
Description  30V, MOSFETs in the SOIC-8 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CWDM305P Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CWDM305P Datasheet HTML 1Page - Central Semiconductor Corp CWDM305P Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CWDM305P Series (R1)
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Mechanical Drawing - SOIC-8
Direction of Unreeling
1) Source
5) Drain
2) Source
6) Drain
3) Source
7) Drain
4) Gate
8) Drain
MARKING CODE: C503P
CWDM305P
CWDM305PD
1) Source Q1
5) Drain Q2
2) Gate Q1
6) Drain Q2
3) Source Q2
7) Drain Q1
4) Gate Q2
8) Drain Q1
MARKING CODE: C503
CWDM305ND
1) Source Q1
5) Drain Q2
2) Gate Q1
6) Drain Q2
3) Source Q2
7) Drain Q1
4) Gate Q2
8) Drain Q1
MARKING CODE: C305
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-D
Sample devices available upon request. To order samples visit: www.centralsemi.com/info/CWDM305
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 12mm
Mounting Pad
Geometry
(Dimensions in mm)
Packaging Base / Ordering Information
Reel Size
Quantity
Central Item No.
13”
3,000
CWDM305N TR13
CWDM305P TR13
CWDM305ND TR13
CWDM305PD TR13
CWDM305N
1) Source
5) Drain
2) Source
6) Drain
3) Source
7) Drain
4) Gate
8) Drain
MARKING CODE: C305N
Pinouts and
Lead Codes
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • Tel:(631) 435-1110 • Fax:(631) 435-1824
CWDM305P (Single, 5.3A P-Channel)
CWDM305N (Single, 5.8A N-Channel)
CWDM305PD (Dual, 5.3A P-Channel)
CWDM305ND (Dual, 5.8A N-Channel)
30V, MOSFETs
in the SOIC-8 package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com