Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0100 Datasheet(PDF) 3 Page - Supertex, Inc

Part # FP0100
Description  Fault Protection Switch with Current Fold-back
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0100 Datasheet(HTML) 3 Page - Supertex, Inc

  FP0100 Datasheet HTML 1Page - Supertex, Inc FP0100 Datasheet HTML 2Page - Supertex, Inc FP0100 Datasheet HTML 3Page - Supertex, Inc FP0100 Datasheet HTML 4Page - Supertex, Inc FP0100 Datasheet HTML 5Page - Supertex, Inc FP0100 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FP0100
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Figure 1. Typical I-V Characteristics
I
IN
I
PEAK
I
OFF
V
IN - VOUT
V
TRIP
V
OFF
100V
I
OFF = 300µA
90% I
PEAK
Figure 2. Test Circuit for I
PEAK vs RSEN
The input peak current, I
PEAK, can be lowered by adding an
external resistor across the RSEN and VOUT pins as shown
in the test circuit in Figure 2. I
PEAK will decrease as the resis-
tor value of R
SEN increases. The typical IPEAK vs RSEN charac-
teristic is shown in Figure 3.
FP0100
+
V
IN
-
VIN
VOUT
RSEN
R
SEN
I
PEAK
1000.0
100.0
10.0
1.0
0.1
1.0
10.0
100.0
1000.0
10000.0
R
SEN ()
I
PEAK vs RSEN
Figure 3. Typical I
PEAK vs RSEN Characteristic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com