Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8047 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8047
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047 Datasheet(HTML) 2 Page - Analog Devices

  AD8047 Datasheet HTML 1Page - Analog Devices AD8047 Datasheet HTML 2Page - Analog Devices AD8047 Datasheet HTML 3Page - Analog Devices AD8047 Datasheet HTML 4Page - Analog Devices AD8047 Datasheet HTML 5Page - Analog Devices AD8047 Datasheet HTML 6Page - Analog Devices AD8047 Datasheet HTML 7Page - Analog Devices AD8047 Datasheet HTML 8Page - Analog Devices AD8047 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8047A
AD8048A
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Units
DYNAMIC PERFORMANCE
Bandwidth (–3 dB)
Small Signal
VOUT
≤ 0.4 V p-p
170
250
180
260
MHz
Large Signal
1
VOUT = 2 V p-p
100
130
135
160
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 300 mV p-p
8047, RF =0
Ω; 8048, R
F = 200
Ω
35
50
MHz
Slew Rate, Average +/–
VOUT = 4 V Step
475
750
740
1000
V/
µs
Rise/Fall Time
VOUT = 0.5 V Step
1.1
1.2
ns
VOUT = 4 V Step
4.3
3.2
ns
Settling Time
To 0.1%
VOUT = 2 V Step
13
13
ns
To 0.01%
VOUT = 2 V Step
30
30
ns
HARMONIC/NOISE PERFORMANCE
2nd Harmonic Distortion
2 V p-p; 20 MHz
–54
–48
dBc
RL = 1 k
Ω
–64
–60
dBc
3rd Harmonic Distortion
2 V p-p; 20 MHz
–60
–56
dBc
RL = 1 k
Ω
–61
–65
dBc
Input Voltage Noise
f = 100 kHz
5.2
3.8
nV/
√Hz
Input Current Noise
f = 100 kHz
1.0
1.0
pA/
√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 10 MHz
16
11
µV rms
Differential Gain Error (3.58 MHz)
RL = 150 Ω, G = +2
0.02
0.01
%
Differential Phase Error (3.58 MHz)
RL = 150
Ω, G = +2
0.03
0.02
Degree
DC PERFORMANCE
2, R
L = 150 Ω
Input Offset Voltage
3
13
13
mV
TMIN–TMAX
44
mV
Offset Voltage Drift
±5
±5
µV/°C
Input Bias Current
1
3.5
1
3.5
µA
TMIN–TMAX
6.5
6.5
µA
Input Offset Current
0.5
2
0.5
2
µA
TMIN–TMAX
33
µA
Common-Mode Rejection Ratio
VCM =
±2.5 V
74
80
74
80
dB
Open-Loop Gain
VOUT = ± 2.5 V
58
62
65
68
dB
TMIN–TMAX
54
56
dB
INPUT CHARACTERISTICS
Input Resistance
500
500
k
Ω
Input Capacitance
1.5
1.5
pF
Input Common-Mode Voltage Range
±3.4
±3.4
V
OUTPUT CHARACTERISTICS
Output Voltage Range, RL = 150
Ω±2.8 ±3.0
±2.8 ±3.0
V
Output Current
50
50
mA
Output Resistance
0.2
0.2
Ω
Short Circuit Current
130
130
mA
POWER SUPPLY
Operating Range
±3.0 ±5.0 ±6.0 ±3.0 ±5.0 ±6.0 V
Quiescent Current
5.8
6.6
5.9
6.6
mA
TMIN–TMAX
7.5
7.5
mA
Power Supply Rejection Ratio
72
78
72
78
dB
NOTES
1See Max Ratings and Theory of Operation sections of data sheet.
2Measured at A
V = 50.
3Measured with respect to the inverting input.
Specifications subject to change without notice.
(
±V
S =
±5 V; R
LOAD = 100
Ω; A
V = 1 (AD8047); AV = 2 (AD8048), unless otherwise noted)
AD8047/AD8048–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
REV. 0
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com