Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8052 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 2 Page - Analog Devices

  AD8052 Datasheet HTML 1Page - Analog Devices AD8052 Datasheet HTML 2Page - Analog Devices AD8052 Datasheet HTML 3Page - Analog Devices AD8052 Datasheet HTML 4Page - Analog Devices AD8052 Datasheet HTML 5Page - Analog Devices AD8052 Datasheet HTML 6Page - Analog Devices AD8052 Datasheet HTML 7Page - Analog Devices AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. B
AD8051/AD8052/AD8054–SPECIFICATIONS
AD8051A/AD8052A
AD8054A
Parameter
Conditions
Min
Typ
Max Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
80
150
MHz
G = –1, +2, VO = 0.2 V p-p
50
60
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150
Ω to +2.5 V,
RF = 806 Ω for AD8051A/AD8052A
20
MHz
RF = 200 Ω for AD8054A
12
MHz
Slew Rate
G = –1, VO = 2 V Step
100
145
140
170
V/
µs
Full Power Response
G = +1, VO = 2 V p-p
35
45
MHz
Settling Time to 0.1%
G = –1, VO = 2 V Step
50
40
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
1
fC = 5 MHz, VO = 2 V p-p, G = +2
–67
–68
dB
Input Voltage Noise
f = 10 kHz
16
16
nV/
√Hz
Input Current Noise
f = 10 kHz
850
850
fA/
√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω to +2.5 V
0.09
0.07
%
RL = 1 k
Ω to +2.5 V
0.03
0.02
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω to +2.5 V
0.19
0.26
Degrees
RL = 1 kΩ to +2.5 V
0.03
0.05
Degrees
Crosstalk
f = 5 MHz, G = +2
–60
–60
dB
DC PERFORMANCE
Input Offset Voltage
1.7
10
1.7
12
mV
TMIN –TMAX
25
30
mV
Offset Drift
10
15
µV/°C
Input Bias Current
1.4
2.5
2
4.5
µA
TMIN –TMAX
3.25
4.5
µA
Input Offset Current
0.1
0.75
0.2
1.2
µA
Open-Loop Gain
RL = 2 kΩ to +2.5 V
86
98
82
98
dB
TMIN –TMAX
96
96
dB
RL = 150 Ω to +2.5 V
76
82
74
82
dB
TMIN –TMAX
78
78
dB
INPUT CHARACTERISTICS
Input Resistance
290
300
k
Ω
Input Capacitance
1.4
1.5
pF
Input Common-Mode Voltage Range
–0.2 to 4
–0.2 to 4
V
Common-Mode Rejection Ratio
VCM = 0 V to +3.5 V
72
88
70
86
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ to +2.5 V
0.015 to 4.985
0.03 to 4.975
V
RL = 2 kΩ to +2.5 V
0.1 to 4.9
0.025 to 4.975
0.125 to 4.875 0.05 to 4.95
V
RL = 150
Ω to +2.5 V
0.3 to 4.625 0.2 to 4.8
0.55 to 4.4
0.25 to 4.65
V
Output Current
VOUT = 0.5 V to +4.5 V
45
30
mA
TMIN –TMAX
45
30
mA
Short Circuit Current
Sourcing
80
45
mA
Sinking
130
85
mA
Capacitive Load Drive
G = +1 (AD8051/AD8052)
50
pF
G = +2 (AD8054)
40
pF
POWER SUPPLY
Operating Range
3
12
3
12
V
Quiescent Current/Amplifier
4.4
5
2.75
3.275 mA
Power Supply Rejection Ratio
∆V
S = ± 1 V
70
80
68
80
dB
OPERATING TEMPERATURE RANGE
–40
+85
–40
+85
°C
NOTES
1Refer to Figure 15.
Specifications subject to change without notice.
(@ TA = +25 C, VS = +5 V, RL = 2 k
to +2.5 V,
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com