Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8057
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057 Datasheet(HTML) 2 Page - Analog Devices

  AD8057 Datasheet HTML 1Page - Analog Devices AD8057 Datasheet HTML 2Page - Analog Devices AD8057 Datasheet HTML 3Page - Analog Devices AD8057 Datasheet HTML 4Page - Analog Devices AD8057 Datasheet HTML 5Page - Analog Devices AD8057 Datasheet HTML 6Page - Analog Devices AD8057 Datasheet HTML 7Page - Analog Devices AD8057 Datasheet HTML 8Page - Analog Devices AD8057 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
–2–
REV. A
AD8057/AD8058–SPECIFICATIONS
AD8057/AD8058
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.2 V p-p
325
MHz
G = –1, VO = 0.2 V p-p
95
MHz
G = +1, VO = 2 V p-p
175
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VO = 0.2 V p-p
30
MHz
Slew Rate
G = +1, VO = 2 V Step, RL = 2 k
Ω
850
V/
µs
G = +1, VO = 4 V Step, RL = 2 k
Ω
1150
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
30
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 kΩ
–85
dBc
fC = 20 MHz, VO = 2 V p-p, RL = 1 kΩ
–62
dBc
SFDR
f = 5 MHz, VO = 2 V p-p, RL = 150 Ω
–68
dB
Third Order Intercept
f = 5 MHz, VO = ± 2.0 V p-p
–35
dBm
Crosstalk, Output to Output
f = 5 MHz, G = +2
–60
dB
Input Voltage Noise
f = 100 kHz
7
nV/
√Hz
Input Current Noise
f = 100 kHz
0.7
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.01
%
NTSC, G = +2, RL = 1 kΩ
0.02
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.15
Degree
NTSC, G = +2, RL = 1 kΩ
0.01
Degree
Overload Recovery
VIN = 200 mV p-p, G = +1
30
ns
DC PERFORMANCE
Input Offset Voltage
15
mV
TMIN–TMAX
2.5
mV
Input Offset Voltage Drift
3
µV/°C
Input Bias Current
0.5
2.5
µA
TMIN–TMAX
3.0
µA
Input Offset Current
0.75
±µA
Open-Loop Gain
VO =
±2.5 V, R
L = 2 k
Ω
50
55
dB
VO =
±2.5 V, R
L = 150
Ω
50
52
dB
INPUT CHARACTERISTICS
Input Resistance
10
M
Ω
Input Capacitance
+Input
2
pF
Input Common-Mode Voltage Range
RL = 1 k
Ω
–4.0
+4.0
±V
Common-Mode Rejection Ratio
VCM =
±2.5 V
48
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 2 k
Ω
–4.0
+4.0
±V
RL = 150
Ω±3.9
±V
Capacitive Load Drive
30% Overshoot
30
pF
POWER SUPPLY
Operating Range
±1.5
±6.0
±2.5
V
Quiescent Current for AD8057
6.0
7.5
mA
Quiescent Current for AD8058
14.0
15
mA
Power Supply Rejection Ratio
VS =
±5 V to ±1.5 V
54
59
dB
Specifications subject to change without notice.
(@ TA = +25 C, VS =
5 V, RL = 100
, RF = 0
, Gain = +1,
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com