Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6403 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO6403
Description  30V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6403 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO6403_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6403_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6403_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6403_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6403_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO6403
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-1.3
-1.85
-2.4
V
ID(ON)
-30
A
22
35
TJ=125°C
32
39
34
58
m
Ω
gFS
18
S
VSD
-0.8
-1
V
IS
-2.5
A
Ciss
760
pF
Coss
140
pF
Crss
95
pF
Rg
1.5
3.2
5
Ω
Qg(10V)
13.6
16
nC
Qg(4.5V)
6.7
8
nC
Qgs
2.5
nC
Qgd
3.2
nC
tD(on)
8
ns
t
6
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=-10V, V =-15V, R =2.7
Ω,
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-6A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
IS=-1A,VGS=0V
VDS=-5V, ID=-6A
VGS=-4.5V, ID=-5A
Forward Transconductance
Diode Forward Voltage
Gate resistance
VGS=0V, VDS=0V, f=1MHz
µA
VDS=VGS ID=-250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-10V, ID=-6A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
Reverse Transfer Capacitance
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
tr
6
ns
tD(off)
17
ns
tf
5
ns
trr
15
ns
Qrr
9.7
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=-6A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=2.7Ω,
RGEN=3Ω
Turn-Off Fall Time
IF=-6A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 4: Nov 2011
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com