Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8063ART Datasheet(PDF) 16 Page - Analog Devices

Part # AD8063ART
Description  Low-Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8063ART Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8063ART Datasheet HTML 8Page - Analog Devices AD8063ART Datasheet HTML 9Page - Analog Devices AD8063ART Datasheet HTML 10Page - Analog Devices AD8063ART Datasheet HTML 11Page - Analog Devices AD8063ART Datasheet HTML 12Page - Analog Devices AD8063ART Datasheet HTML 13Page - Analog Devices AD8063ART Datasheet HTML 14Page - Analog Devices AD8063ART Datasheet HTML 15Page - Analog Devices AD8063ART Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
–16–
AD8061/AD8062/AD8063
REV. C
5-Lead SOT-23-5
(RT-5)
1
3
2
54
0.1220 (3.100)
0.1063 (2.700)
PIN 1
0.0709 (1.800)
0.0590 (1.500)
0.1181 (3.000)
0.0984 (2.500)
0.0748 (1.900)
REF
0.0374 (0.950) REF
0.0197 (0.500)
0.0118 (0.300)
0.0512 (1.300)
0.0354 (0.900)
SEATING
PLANE
0.0571 (1.450)
0.0354 (0.900)
0.0059 (0.150)
0.0000 (0.000)
0.0079 (0.200)
0.0035 (0.090)
0.0236 (0.600)
0.0039 (0.100)
10
0
6-Lead SOT-23-6
(RT-6)
0.122 (3.10)
0.106 (2.70)
PIN 1
0.118 (3.00)
0.098 (2.50)
0.075 (1.90)
BSC
0.037 (0.95) BSC
1
3
4
5
6
2
0.071 (1.80)
0.059 (1.50)
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10
0
0.020 (0.50)
0.010 (0.25)
0.006 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
8-Lead SOIC
(SO-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
8-Lead
SOIC
(RM-8)
0.009 (0.23)
0.005 (0.13)
0.028 (0.70)
0.016 (0.40)
6
0
0.037 (0.95)
0.030 (0.75)
85
4
1
0.122 (3.10)
0.114 (2.90)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
0.193
(4.90)
BSC
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.016 (0.40)
0.010 (0.25)
0.043
(1.10)
MAX
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AD8061/AD8062/AD8063–Revision History
Location
Page
Data Sheet changed from REV. B to REV. C.
Replaced TPC 9 with new graph . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
The SELECT signal and the output waveforms for this circuit
are shown in Figure 15. For synchronization clarity, two differ-
ent frequency synthesizers whose time bases are locked to each
other generate the signals.
1V
2V
2 s
SELECT
OUTPUT
Figure 15. AD8063 Mux Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com