Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC6N135S Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC6N135S
Description  General Purpose Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N135S Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC6N135S Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N135S Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N135S Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N135S Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N135S Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT SPECIFICATION
DATE:03/26/2012
NO.61P51002
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPC6N135S
SHEET 2 OF 5
REV.
3
Outside Dimension:Unit ( mm )
D a t a
C o d e
X X X
6 N 1 3 5
c o s m o
TOLERANCE:±0.2mm
Schematic:Top View
2
1
8
7
4
3
6
5
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. VB
8. VCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com