Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8056ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD8056ARM
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARM Datasheet(HTML) 5 Page - Analog Devices

  AD8056ARM Datasheet HTML 1Page - Analog Devices AD8056ARM Datasheet HTML 2Page - Analog Devices AD8056ARM Datasheet HTML 3Page - Analog Devices AD8056ARM Datasheet HTML 4Page - Analog Devices AD8056ARM Datasheet HTML 5Page - Analog Devices AD8056ARM Datasheet HTML 6Page - Analog Devices AD8056ARM Datasheet HTML 7Page - Analog Devices AD8056ARM Datasheet HTML 8Page - Analog Devices AD8056ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD8055/AD8056
–5–
REV. B
FREQUENCY – Hz
0.3M
1G
1M
10M
100M
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +1
RF = 0
RC = 100
G = +2
RF = 402
G = +5
RF = 1000
G = +10
RF = 909
VOUT = 100mV p-p
RL = 100
VIN
RC
50
RS
RF
RL
VOUT
Figure 9. Small Signal Frequency Response,
G = +1, G = +2, G = +5, G = +10
FREQUENCY – Hz
0.3M
1G
1M
10M
100M
G = +1
RF = 0
G = +2
RF = 402
G = +5
RF = 1000
G = +10
RF = 909
VOUT = 2V p-p
RL = 100
5
4
–5
3
2
1
0
–1
–2
–3
–4
Figure 10. Large Signal Frequency Response,
G = +1, G = +2, G = +5, G = +10
FREQUENCY – Hz
0.3M
1G
1M
10M
100M
0.5
0.4
–0.5
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VOUT = 100mV
G = +2
RL = 100
RF = 402
Figure 11. 0.1 dB Flatness
FREQUENCY – Hz
10k
10M
100k
1M
VOUT = 2V p-p
G = +2
RL = 100
2ND
3RD
–50
–100
–60
–70
–80
–90
100M
Figure 12. Distortion vs. Frequency
FREQUENCY – Hz
10k
10M
100k
1M
VOUT = 2V p-p
G = +2
RL = 1k
2ND
3RD
–50
–100
–60
–70
–80
–90
100M
Figure 13. Distortion vs. Frequency
VOUT – V p-p
0
1.2
0.4
0.8
G = +2
RL = 1k
2ND
3RD
–50
–90
–60
–70
–80
1.6
2.0
2.4
2.8
3.2
3.6
4.0
–40
Figure 14. Distortion vs. VOUT @ 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com