Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8058ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8058ARM
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8058ARM Datasheet HTML 5Page - Analog Devices AD8058ARM Datasheet HTML 6Page - Analog Devices AD8058ARM Datasheet HTML 7Page - Analog Devices AD8058ARM Datasheet HTML 8Page - Analog Devices AD8058ARM Datasheet HTML 9Page - Analog Devices AD8058ARM Datasheet HTML 10Page - Analog Devices AD8058ARM Datasheet HTML 11Page - Analog Devices AD8058ARM Datasheet HTML 12Page - Analog Devices AD8058ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD8057/AD8058
–9–
REV. A
500mV/
DIV
0V
20ns/DIV
VS = 2.5V
RL = 1k
G = +1
INPUT SIGNAL
OUTPUT RESPONSE
2.5V
Figure 27. Input Overload Recovery, VS = ±2.5 V
5.0V
1V/DIV
0V
20ns/DIV
VS = 5.0V
RL = 1k
G = +1
INPUT SIGNAL 5V
OUTPUT SIGNAL = 4.0V
Figure 28. Output Overload Recovery, VS = ±5.0 V
FREQUENCY – MHz
0.1
100
1
10
0
–10
–70
–20
–30
–40
–50
–60
Figure 29. CMRR vs. Frequency
1.8V
20ns/DIV
VS = 2.5V
R1 = 1k
G = +4
INPUT SIGNAL = 0.6V
OUTPUT SIGNAL 1.7V
200mV/
DIV
Figure 30. Output Overload Recovery, VS = ±2.5 V
4.5V
500mV/
DIV
20ns/DIV
37ns
VS = 5.0V
R1 = 1k
G = +4
Figure 31. Output Overload Recovery, VS = ±5.0 V
FREQUENCY – MHz
0
–20
–120
0.1
1
10
100
–60
–80
–100
–40
SIDE B DRIVEN
SIDE A DRIVEN
Figure 32. Crosstalk (Output-to-Output) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com