Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8110AST Datasheet(PDF) 14 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8110AST Datasheet HTML 10Page - Analog Devices AD8110AST Datasheet HTML 11Page - Analog Devices AD8110AST Datasheet HTML 12Page - Analog Devices AD8110AST Datasheet HTML 13Page - Analog Devices AD8110AST Datasheet HTML 14Page - Analog Devices AD8110AST Datasheet HTML 15Page - Analog Devices AD8110AST Datasheet HTML 16Page - Analog Devices AD8110AST Datasheet HTML 17Page - Analog Devices AD8110AST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8110/AD8111
–14–
REV. 0
FREQUENCY – Hz
30k
1M
500M
10M
100M
1M
100k
10k
1k
100
100k
10M
Figure 36. AD8111 Input Impedance vs. Frequency
12
10
–6
8
6
–2
4
2
0
–4
FREQUENCY – Hz
0.1M
1M
10M
100M
1G
3G
18pF
12pF
Figure 37. AD8111 Frequency Response vs. Capacitive Load
0.7
0.6
–0.1
0.5
0.4
0
0.3
0.2
0.1
–0.2
–0.3
FREQUENCY – Hz
0.1M
1M
10M
100M
1G
3G
12pF
18pF
VIN = 100mV
RL = 150
Figure 38. AD8111 Flatness vs. Capacitive Load
VOUT
UPDATE
INPUT 1 AT +1V
INPUT 0 AT –1V
1
0
–1
5
0
50ns/DIV
Figure 39. AD8111 Switching Time
OFFSET VOLTAGE – Volts
120
480
360
320
240
160
440
400
280
200
80
40
0
–0.020
0.020
–0.010
0.000
0.010
Figure 40. AD8111 Offset Voltage Distribution (RTI)
TEMPERATURE – C
2.0
–2.0
–60
–40
100
–20
0
20
40
60
80
1.5
0
–0.5
–1.0
–1.5
1.0
0.5
Figure 41. AD8111 Offset Voltage Drift vs. Temperature
(Normalized at +25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com