Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8031A Datasheet(PDF) 1 Page - Analog Devices

Part # AD8031A
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031A Datasheet(HTML) 1 Page - Analog Devices

  AD8031A Datasheet HTML 1Page - Analog Devices AD8031A Datasheet HTML 2Page - Analog Devices AD8031A Datasheet HTML 3Page - Analog Devices AD8031A Datasheet HTML 4Page - Analog Devices AD8031A Datasheet HTML 5Page - Analog Devices AD8031A Datasheet HTML 6Page - Analog Devices AD8031A Datasheet HTML 7Page - Analog Devices AD8031A Datasheet HTML 8Page - Analog Devices AD8031A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
2.7 V, 800 A, 80 MHz
Rail-to-Rail I/O Amplifiers
CONNECTION DIAGRAMS
AD8031/AD8032
FEATURES
Low Power
Supply Current 800
A/Amplifier
Fully Specified at +2.7 V, +5 V and
5 V Supplies
High Speed and Fast Settling on +5 V
80 MHz –3 dB Bandwidth (G = +1)
30 V/ s Slew Rate
125 ns Settling Time to 0.1%
Rail-to-Rail Input and Output
No Phase Reversal with Input 0.5 V Beyond Supplies
Input CMVR Extends Beyond Rails by 200 mV
Output Swing to Within 20 mV of Either Rail
Low Distortion
–62 dB @ 1 MHz, VO = 2 V p-p
–86 dB @ 100 kHz, VO = 4.6 V p-p
Output Current: 15 mA
High Grade Option
VOS (max) = 1.5 mV
APPLICATIONS
High-Speed Battery-Operated Systems
High Component Density Systems
Portable Test Instruments
A/D Buffer
Active Filters
High-Speed Set-and-Demand Amplifier
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
8-Lead Plastic DIP (N),
SOIC (R) and
SOIC (RM)
Packages
1
2
3
4
8
7
6
5
AD8032
OUT1
–IN1
+IN1
–VS
+IN2
–IN2
+VS
OUT2
8-Lead Plastic DIP (N)
and SOIC (R) Packages
1
2
3
4
8
7
6
5
AD8031
NC
–IN
+IN
–VS
NC = NO CONNECT
NC
OUT
+VS
NC
5-Lead Plastic Surface Mount Package
SOT-23-5 (RT-5)
+IN
+VS
–VS
AD8031
1
2
3
5
4
–IN
VOUT
(Not to Scale)
GENERAL DESCRIPTION
The AD8031 (single) and AD8032 (dual) single supply voltage
feedback amplifiers feature high-speed performance with 80 MHz
of small signal bandwidth, 30 V/
µs slew rate and 125 ns settling
time. This performance is possible while consuming less than
4.0 mW of power from a single +5 V supply. These features
increase the operation time of high speed battery-powered
systems without compromising dynamic performance.
The products have true single supply capability with rail-to-rail
input and output characteristics and are specified for +2.7 V,
+5 V and
±5 V supplies. The input voltage range can extend to
500 mV beyond each rail. The output voltage swings to within
20 mV of each rail providing the maximum output dynamic range.
The AD8031/AD8032 also offer excellent signal quality for only
800
µA of supply current per amplifier; THD is –62 dBc with a
2 V p-p, 1 MHz output signal and –86 dBc for a 100 kHz, 4.6 V p-p
signal on +5 V supply. The low distortion and fast settling time
make them ideal as buffers to single supply, A-to-D converters.
Operating on supplies from +2.7 V to +12 V and dual supplies up to
±6 V, the AD8031/AD8032 are ideal for a wide range of applications,
from battery-operated systems with large bandwidth requirements
to high-speed systems where component density requires lower
power dissipation. The AD8031/AD8032 are available in 8-lead
plastic DIP and SOIC packages and will operate over the indus-
trial temperature range of –40
°C to +85°C. The AD8031A is also
available in the space-saving 5-lead SOT-23-5 package and the
AD8032A is available in AN 8-lead
µSOIC package.
2 s/Div
2 s/Div
VIN
+5V
1k
1.7pF
+2.5V
VOUT
Circuit Diagram
Figure 1. Rail-to-Rail Performance at 100 kHz
Input VIN
Output VOUT


Similar Part No. - AD8031A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031AN AD-AD8031AN Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031ANZ AD-AD8031ANZ Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031ANZ AD-AD8031ANZ Datasheet
635Kb / 21P
2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031ANZ AD-AD8031ANZ Datasheet
418Kb / 20P
2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031AR AD-AD8031AR Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
More results

Similar Description - AD8031A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Analog Devices
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
logo
Texas Instruments
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com