Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD812 Datasheet(PDF) 14 Page - Analog Devices

Part # AD812
Description  Dual, Current Feedback Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices AD812 Datasheet HTML 10Page - Analog Devices AD812 Datasheet HTML 11Page - Analog Devices AD812 Datasheet HTML 12Page - Analog Devices AD812 Datasheet HTML 13Page - Analog Devices AD812 Datasheet HTML 14Page - Analog Devices AD812 Datasheet HTML 15Page - Analog Devices AD812 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD812
REV. B
–14–
1
10
1000
100
FREQUENCY – MHz
6
9
3
0
–3
12
–6
–9
VS = 15V
G = +2
RF = 750
RL = 1k
CL = 510pF, RS = 15
CL = 150pF, RS = 30
Figure 43. Response to Large Load Capacitor, VS = ±15 V
10
100
0%
100ns
5V
5V
VIN
VOUT
90
Figure 44. Pulse Response of Circuit of Figure 41 with
CL = 510 pF, RL = 1 k
Ω, R
F = RG = 715
Ω, R
S = 15
Ω
Overload Recovery
There are three important overload conditions to consider.
They are due to input common mode voltage overdrive, input
current overdrive, and output voltage overdrive. When the
amplifier is configured for low closed-loop gains, and its input
common-mode voltage range is exceeded, the recovery time will
be very fast, typically under 10 ns. When configured for a higher
gain, and overloaded at the output, the recovery time will also
be short. For example, in a gain of +10, with 6 dB of input
overdrive, the recovery time of the AD812 is about 10 ns.
10
90
100
0%
2V
1V
50ns
VIN
VOUT
Figure 45. 6 dB Overload Recovery; G = 10, RL = 500 Ω,
VS = ±5 V
In the case of high gains with very high levels of input overdrive,
a longer recovery time may occur. For example, if the input
common-mode voltage range is exceeded in a gain of +10, the
recovery time will be on the order of 100 ns. This is primarily
due to current overloading of the input stage.
As noted in the warning under “Maximum Power Dissipation,”
a high level of input overdrive in a high noninverting gain circuit
can result in a large current flow in the input stage. For differ-
ential input voltages of less than about 1.25 V, this will be inter-
nally limited to less than 20 mA (decreasing with supply voltage).
For input overdrives which result in higher differential input
voltages, power dissipation in the input stage must be consid-
ered. It is recommended that external diode clamps be used in
cases where the differential input voltage is expected to exceed
1.25 V.
High Performance Video Line Driver
At a gain of +2, the AD812 makes an excellent driver for a back-
terminated 75
Ω video line. Low differential gain and phase
errors and wide 0.1 dB bandwidth can be realized over a wide
range of power supply voltage. Outstanding gain and group
delay matching are also attainable over the full operating supply
voltage range.
AD812
8
4
RG
RF
VIN
75
VOUT
75
+VS
0.1 F
0.1 F
–VS
75
CABLE
75
CABLE
75
Figure 46. Gain of +2 Video Line Driver (RF = RG from
Table I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com