Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC6N138H Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC6N138H
Description  General Purpose Type Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138H Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC6N138H Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N138H Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138H Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138H Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138H Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138H Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138H Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT
SPECIFICATION
DATE: 03/26/2012
NO.62P51003
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC6N138H
SHEET 2 OF 7
REV.
2
1.
OUTSIDE
DIMENSION
:
UNIT (mm)
TOLERANCE : ±0.2mm
2. SCHEMATIC
:
TOP
VIEW
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. Vo
7. VB
8. Vcc
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com