Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8132
Description  Low-Cost, High-Speed Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8132 Datasheet HTML 9Page - Analog Devices AD8132 Datasheet HTML 10Page - Analog Devices AD8132 Datasheet HTML 11Page - Analog Devices AD8132 Datasheet HTML 12Page - Analog Devices AD8132 Datasheet HTML 13Page - Analog Devices AD8132 Datasheet HTML 14Page - Analog Devices AD8132 Datasheet HTML 15Page - Analog Devices AD8132 Datasheet HTML 16Page - Analog Devices AD8132 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD8132
–13–
OPERATIONAL DESCRIPTION
Definition of Terms
AD8132
CF
+IN
–IN
RF
CF
RF
RG
RG
+DIN
VOCM
–DIN
RL, dm
+OUT
VOUT, dm
–OUT
Figure 3. Circuit Definitions
Differential voltage refers to the difference between two node
voltages. For example, the output differential voltage (or
equivalently output differential-mode voltage) is defined as:
VOUT,dm = (V+OUT – V–OUT)
V+OUT and V–OUT refer to the voltages at the +OUT and –OUT
terminals with respect to a common reference.
Common-mode voltage refers to the average of two node volt-
ages. The output common-mode voltage is defined as:
VOUT,cm = (V+OUT + V–OUT)/2
Basic Circuit Operation
One of the more useful and easy to understand ways to use the
AD8132 is to provide two equal-ratio feedback networks. To
match the effect of parasitics, these networks should actually be
comprised of two equal-value feedback resistors, RF and two
equal-value gain resistors, RG. This circuit is diagrammed in
Figure 3.
Like a conventional op amp, the AD8132 has two differential
inputs that can be driven with both a differential-mode input
voltage, VIN,dm, and a common-mode input voltage, VIN,cm.
There is another input, VOCM, which is not present on conven-
tional op amps, but provides another input to consider on the
AD8132. It is totally separate from the above inputs.
There are two complementary outputs whose response can be
defined by a differential-mode output, VOUT,dm and a common-
mode output, VOUT,cm.
TEMPERATURE – C
0
–0.5
–2.5
–40
–20
100
0
20406080
–1.0
–1.5
–2.0
VS = 5V
VS = 5V
TPC 59. Differential Offset Voltage vs. Temperature
Table I indicates the gain from any type of input to either type
of output.
Table I. Differential and Common-Mode Gains
Input
VOUT,dm
VOUT,cm
VIN,dm
RF/RG
0 (By Design)
VIN,cm
0
0 (By Design)
VOCM
0
1 (By Design)
The differential output (VOUT,dm) is equal to the differential
input voltage (VIN,dm) times RF/RG. In this case, it does not
matter if both differential inputs are driven, or only one output
is driven and the other is tied to a reference voltage, like ground.
As can be seen from the two zero entries in the first column,
neither of the common-mode inputs has any effect on this gain.
The gain from VIN,dm to VOUT,cm is 0 and to first order does not
depend on the ratio matching of the feedback networks. The
common-mode feedback loop within the AD8132 provides a
corrective action to keep this gain term minimized. The term
“balance error” describes the degree to which this gain term
differs from zero.
The gain from VIN,cm to VOUT,dm does directly depend on the
matching of the feedback networks. The analogous term for this
transfer function, which is used in conventional op amps, is
“common-mode rejection ratio” or CMRR. Thus, if it is desirable
to have a high CMRR, the feedback ratios must be well matched.
The gain from VIN,cm to VOUT,cm is also ideally 0, and is first-
order independent of the feedback ratio matching. As in the
case of VIN,dm to VOUT,cm, the common-mode feedback loop
keeps this term minimized.
The gain from VOCM to VOUT,dm is ideally 0 only when the feed-
back ratios are matched. The amount of differential output
signal that will be created by varying VOCM is related to the
degree of mismatch in the feedback networks.
VOCM controls the output common-mode voltage VOUT,cm with a
unity-gain transfer function. With equal-ratio feedback networks
(as assumed above), its effect on each output will be the same,
which is another way to say that the gain from VOCM to VOUT,dm
is zero. If not driven, the output common-mode will be at mid-
supplies. It is recommended that a 0.1
µF bypass capacitor be
connected to VOCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com