Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V048F096T025 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048F096T025
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F096T025 Datasheet(HTML) 2 Page - Vicor Corporation

  V048F096T025 Datasheet HTML 1Page - Vicor Corporation V048F096T025 Datasheet HTML 2Page - Vicor Corporation V048F096T025 Datasheet HTML 3Page - Vicor Corporation V048F096T025 Datasheet HTML 4Page - Vicor Corporation V048F096T025 Datasheet HTML 5Page - Vicor Corporation V048F096T025 Datasheet HTML 6Page - Vicor Corporation V048F096T025 Datasheet HTML 7Page - Vicor Corporation V048F096T025 Datasheet HTML 8Page - Vicor Corporation V048F096T025 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F096T025
Rev. 2.9
Page 2 of 11
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
32
48
55
Vdc
Max Vin = 53 V, operating from -55°C to -40°C
Input dV/dt
1
V/µs
Input overvoltage turn on
55.0
Vdc
Input overvoltage turn off
60.0
Vdc
Input current
5.4
Adc
Input reflected ripple current
140
mA p-p
Using test circuit in Figure 15; See Figure 1
No load power dissipation
3.1
4.1
W
Internal input capacitance
4.0
µF
Internal input inductance
5
nH
Input Specs (Conditions are at 48 VIN, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
6.40
11.0
Vdc
No load
6.10
10.7
Vdc
Full load
Rated DC current
0
25
Adc
32 - 55 VIN
Peak repetitive current
37.5
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
33.0
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 9
Efficiency
Half load
95.5
96.2
%
See Figure 3
Full load
95.5
96.2
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
55
µF
Effective value
Output overvoltage set point
11.0
Vdc
Module will shut down
Output ripple voltage
No external bypass
176
200
mVp-p
See Figures 2 and 5
10 µF bypass capacitor
17
mVp-p
See Figure 6
Effective switching frequency
3.0
3.1
3.4
MHz
Fixed, 1.6 MHz per phase
Line regulation
K
0.1980
1/5
0.2020
VOUT = K•VIN at no load
Load regulation
ROUT
8.9
12.0
See Figure 16
Transient response
Voltage overshoot
92
mV
25 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 48 VIN, full load, and 25°C ambient unless otherwise specified)
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com