Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8150AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD8150AST
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150AST Datasheet(HTML) 5 Page - Analog Devices

  AD8150AST Datasheet HTML 1Page - Analog Devices AD8150AST Datasheet HTML 2Page - Analog Devices AD8150AST Datasheet HTML 3Page - Analog Devices AD8150AST Datasheet HTML 4Page - Analog Devices AD8150AST Datasheet HTML 5Page - Analog Devices AD8150AST Datasheet HTML 6Page - Analog Devices AD8150AST Datasheet HTML 7Page - Analog Devices AD8150AST Datasheet HTML 8Page - Analog Devices AD8150AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AD8150
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin No.
Signal
Type
Description
1, 4, 7, 10, 13, 16, 19, 22, 25, 28, 31,
VEE
Power Supply
Most Negative PECL Supply (Common with Other
34, 37, 40, 42, 46, 47, 92, 93, 99, 102,
Points Labeled VEE)
105, 108, 111, 114, 117, 120, 123,
126, 129, 132, 135, 138, 139, 142,
145, 148, 172, 175, 178, 181, 184
2
IN20P
PECL
High-Speed Input
3
IN20N
PECL
High-Speed Input Complement
5
IN21P
PECL
High-Speed Input
6
IN21N
PECL
High-Speed Input Complement
8
IN22P
PECL
High-Speed Input
9
IN22N
PECL
High-Speed Input Complement
11
IN23P
PECL
High-Speed Input
12
IN23N
PECL
High-Speed Input Complement
14
IN24P
PECL
High-Speed Input
15
IN24N
PECL
High-Speed Input Complement
17
IN25P
PECL
High-Speed Input
18
IN25N
PECL
High-Speed Input Complement
20
IN26P
PECL
High-Speed Input
21
IN26N
PECL
High-Speed Input Complement
23
IN27P
PECL
High-Speed Input
24
IN27N
PECL
High-Speed Input Complement
26
IN28P
PECL
High-Speed Input
27
IN28N
PECL
High-Speed Input Complement
29
IN29P
PECL
High-Speed Input
30
IN29N
PECL
High-Speed Input Complement
32
IN30P
PECL
High-Speed Input
33
IN30N
PECL
High-Speed Input Complement
35
IN31P
PECL
High-Speed Input
36
IN31N
PECL
High-Speed Input Complement
38
IN32P
PECL
High-Speed Input
39
IN32N
PECL
High-Speed Input Complement
41, 98, 149, 171
VCC
Power Supply
Most Positive PECL Supply (Common with Other
Points Labeled VCC)
43
OUT16N
PECL
High-Speed Output Complement
44
OUT16P
PECL
High-Speed Output
45
VEEA16
Power Supply
Most Negative PECL Supply (Unique to This Output)
48
OUT15N
PECL
High-Speed Output Complement
49
OUT15P
PECL
High-Speed Output
50
VEEA15
Power Supply
Most Negative PECL Supply (Unique to this Output)
51
OUT14N
PECL
High-Speed Output Complement
52
OUT14P
PECL
High-Speed Output
53
VEEA14
Power Supply
Most Negative PECL Supply (Unique to this Output)
54
OUT13N
PECL
High-Speed Output Complement
55
OUT13P
PECL
High-Speed Output
56
VEEA13
Power Supply
Most Negative PECL Supply (Unique to this Output)
57
OUT12N
PECL
High-Speed Output Complement
58
OUT12P
PECL
High-Speed Output
59
VEEA12
Power Supply
Most Negative PECL Supply (Unique to this Output)
60
OUT11N
PECL
High-Speed Output Complement
61
OUT11P
PECL
High-Speed Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com