Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD816AY Datasheet(PDF) 1 Page - Analog Devices

Part # AD816AY
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816AY Datasheet(HTML) 1 Page - Analog Devices

  AD816AY Datasheet HTML 1Page - Analog Devices AD816AY Datasheet HTML 2Page - Analog Devices AD816AY Datasheet HTML 3Page - Analog Devices AD816AY Datasheet HTML 4Page - Analog Devices AD816AY Datasheet HTML 5Page - Analog Devices AD816AY Datasheet HTML 6Page - Analog Devices AD816AY Datasheet HTML 7Page - Analog Devices AD816AY Datasheet HTML 8Page - Analog Devices AD816AY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
500 mA Differential Driver and
Dual Low Noise (VF) Amplifiers
AD816*
FEATURES
Flexible Configuration
Two Low Noise Voltage Feedback Amplifiers with
High Current Drive, Ideal for ADSL Receivers or
Drivers for Low Impedance Loads such as CRT Coils
Two High Current Drive Amplifiers, Ideal for an ADSL
Differential Driver or Single Ended Drivers for Low
Impedance Loads such as CRT Coils
Thermal Overload Protection
CURRENT FEEDBACK AMPLIFIERS/DRIVERS
High Output Drive
26 dBm Differential Line Drive for ADSL Transmitters
40 V p-p Differential Output Voltage, RL = 50
@ 1 MHz
500 mA Continuous Current, RL = 5
1 A Peak Current, 1% Duty Cycle, RL = 15
for DMT
Low Distortion
–68 dB @ 1 MHz THD, RL = 100
, VO = 40 V p-p
High Speed
120 MHz Bandwidth (–3 dB)
1500 V/ s Differential Slew Rate, VO = 10 V p-p, G = +5
70 ns Settling Time to 0.1%
VOLTAGE FEEDBACK AMPLIFIERS/RECEIVERS
High Input Performance
4 nV/
√Hz Voltage Noise
15 mV Max Input Offset Voltage
Low Distortion
–68 dB @ 1 MHz THD, VO = 10 V p-p, RL = 200
High Speed
100 MHz Bandwidth (–3 dB)
180 V/ s Slew Rate
High Output Drive
70 mA Output Current Drive
APPLICATIONS
ADSL, VDSL and HDSL Line Interface Driver and Receiver
CRT Convergence and Astigmatism Adjustment
Coil and Transformer Drivers
Composite Audio Amplifiers
FUNCTIONAL BLOCK DIAGRAM
OUT1 RECEIVER
–IN1 RECEIVER
+IN1 RECEIVER
+IN1 DRIVER
–IN1 DRIVER
OUT1 DRIVER
–VS
+VS
OUT2 RECEIVER
–IN2 DRIVER
+IN2 DRIVER
+IN2 RECEIVER
–IN2 RECEIVER
NC
TAB IS
+VS
NC = NO CONNECT
OUT2 DRIVER
–VS
+VS
B
A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PRODUCT DESCRIPTION
The AD816 consists of two high current drive and two low
noise amplifiers. These can be configured differentially for driv-
ing low impedance loads and receiving signals over twisted pair
cable or could be used independently for single ended driving
application such as correction circuits within high resolution
CRT Monitors.
The two high output drive amplifiers are capable of supplying
a minimum of 500 mA continuous output current and up to
1A peak output current, and when configured differentially,
40 V p-p differential output swing can be achieved on
±15 V
supplies into a load of 50
Ω. The drivers have 120 MHz of
bandwidth and 1,500 V/
µs of differential slew rate while
featuring total harmonic distortion of –68 dB at 1 MHz into a
100
Ω load, specifications required for high frequency telecom-
munication subscriber line drivers.
The low noise voltage feedback amplifiers are fully independent
and can be configured differentially for use as receiver amplifi-
ers within a subscriber line hybrid interface or individually for
signal conditioning or filtering. The low noise of 4 nV/
√Hz and
distortion of –68 dB at 1 MHz enable low level signals to be
resolved and amplified in the presence of large common-mode
voltages. 100 MHz of bandwidth and 180 V/
µs of slew rate
combined with a load drive capability of 70 mA enable these
amplifiers to drive passive filters and low inductance coils. The
AD816 has thermal overload protection for system reliability
and is available in low thermal resistance power packages. The
AD816 operates over the industrial temperature range (–40
°C
to +85
°C).
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD816AY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD816 ETC1-AD816 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
More results

Similar Description - AD816AY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012 TI-THS6012 Datasheet
604Kb / 35P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
New Jersey Semi-Conduct...
2N2913 NJSEMI-2N2913 Datasheet
159Kb / 1P
DUAL NPN LOW LEVEL LOW NOISE DIFFERENTIAL AMPLIFIERS
2N2639 NJSEMI-2N2639 Datasheet
130Kb / 1P
DUAL NPN LOW LEVEL NOISE DIFFERENTIAL AMPLIFIERS
logo
NXP Semiconductors
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com