Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8170 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8170
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8170 Datasheet(HTML) 2 Page - Analog Devices

  AD8170 Datasheet HTML 1Page - Analog Devices AD8170 Datasheet HTML 2Page - Analog Devices AD8170 Datasheet HTML 3Page - Analog Devices AD8170 Datasheet HTML 4Page - Analog Devices AD8170 Datasheet HTML 5Page - Analog Devices AD8170 Datasheet HTML 6Page - Analog Devices AD8170 Datasheet HTML 7Page - Analog Devices AD8170 Datasheet HTML 8Page - Analog Devices AD8170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD8170/AD8174–SPECIFICATIONS
(@ TA = +25 C, VS =
5 V, RL = 150
, G = +2, RF = 499
(AD8170R), RF = 549
(AD8174R) unless otherwise noted)
AD8170A/AD8174A
Parameter
Conditions
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS
Switching Time
1
Channel-to-Channel
50% Logic to 10% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
7.5
ns
50% Logic to 90% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
9.1
ns
50% Logic to 99.9% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
25
ns
ENABLE
to Channel ON Time
2 (AD8174R)
50% Logic to 90% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
17
ns
ENABLE
to Channel OFF Time
2 (AD8174R)
50% Logic to 90% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
120
ns
Shutdown to Channel ON Time
3 (AD8174R)
50% Logic to 90% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
20
ns
Shutdown to Channel OFF Time
3 (AD8174R)
50% Logic to 90% Output Settling
IN0, IN2 = +0.5 V; IN1, IN3 = –0.5 V
115
ns
Channel Switching Transient (Glitch)
4
All Inputs Grounded
138 /104
mV p-p
DIGITAL INPUTS
Logic “1” Voltage
SELECT, A0, A1, ENABLE, SD Inputs, TMIN–TMAX
2.0
V
Logic “0” Voltage
SELECT, A0, A1, ENABLE, SD Inputs, TMIN–TMAX
0.8
V
Logic “1” Input Current
SELECT, A0, A1 Inputs, TMIN–TMAX
50
300
nA
ENABLE
, SD Inputs, TMIN–TMAX
15
µA
Logic “0” Input Current
SELECT, A0, A1 Inputs, TMIN–TMAX
35
µA
ENABLE
, SD Inputs, TMIN–TMAX
30
300
nA
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)
5
VO = 50 mV rms, RL = 100 Ω
250
MHz
–3 dB Bandwidth (Large Signal)
5
VO = 1 V rms, RL = 100 Ω
100
MHz
0.1 dB Bandwidth
5
VO = 50 mV rms, RF = 499 Ω (AD8170R), RL = 100 Ω
VO = 50 mV rms, RF = 549 Ω (AD8174R), RL = 100 Ω
85
MHz
Rise and Fall Time (10% to 90%)
2 V Step
1.6
ns
Slew Rate
2 V Step
1000
V/
µs
Settling Time to 0.1%
2 V Step
15
ns
DISTORTION/NOISE PERFORMANCE
Differential Gain
ƒ = 3.58 MHz
0.02
%
Differential Phase
ƒ = 3.58 MHz
0.05
Degrees
All Hostile Crosstalk
6
AD8170R
ƒ = 5 MHz, RL = 100 Ω
–80
dB
ƒ = 30 MHz, RL = 100 Ω
–65
dB
All Hostile Crosstalk
6
AD8174R
ƒ = 5 MHz, RL = 100 Ω
–78
dB
ƒ = 30 MHz, RL = 100 Ω
–63
dB
Disable Isolation
7
AD8174R
ƒ = 5 MHz, RL = 100 Ω
–88
dB
ƒ = 30 MHz, RL = 100 Ω
–72
dB
Shutdown Isolation
8
AD8174R
ƒ = 5 MHz, RL = 100 Ω
–92
dB
ƒ = 30 MHz, RL = 100 Ω
–77
dB
Input Voltage Noise
ƒ = 10 kHz to 30 MHz
10
nV/
√Hz
+Input Current Noise
ƒ = 10 kHz to 30 MHz
1.6
pA/
√Hz
–Input Current Noise
ƒ = 10 kHz to 30 MHz
8.5
pA/
√Hz
Total Harmonic Distortion
ƒC = 10 MHz, VO = 2 V p-p, RL = 150 Ω
–60
dBc
ƒC = 10 MHz, VO = 2 V p-p, RL = 1 kΩ
–72
dBc
DC/TRANSFER CHARACTERISTICS
Transresistance
400
600
k
Ω
Open-Loop Voltage Gain
2000
6000
V/V
Gain Accuracy
9
G = +1, RF = 1 kΩ
0.4
%
Gain Matching
Channel-to-Channel
0.05
%
Input Offset Voltage
59
mV
TMIN to TMAX
12
mV
Input Offset Voltage Matching
Channel-to-Channel
1.5
5
mV
Input Offset Voltage Drift
11
µV/°C
Input Bias Current
(+) Switch Input
7
15
µA
TMIN to TMAX
15
µA
(–) Buffer Input
3
10
µA
TMIN to TMAX
14
µA
Input Bias Current Drift
(+) Switch and (–) Buffer Input
20
nA/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com