Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD818 Datasheet(PDF) 2 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 2 Page - Analog Devices

  AD818 Datasheet HTML 1Page - Analog Devices AD818 Datasheet HTML 2Page - Analog Devices AD818 Datasheet HTML 3Page - Analog Devices AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD818A
Parameter
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
Gain = +2
±5 V
70
95
MHz
±15 V
100
130
MHz
0, +5 V
40
55
MHz
Gain = –1
±5 V
50
70
MHz
±15 V
70
100
MHz
0, +5 V
30
50
MHz
Bandwidth for 0.1 dB Flatness
Gain = +2
±5 V
20
43
MHz
CC = 2 pF
±15 V
40
55
MHz
0, +5 V
10
18
MHz
Gain = –1
±5 V
18
34
MHz
CC = 2 pF
±15 V
40
72
MHz
0, +5 V
10
19
MHz
Full Power Bandwidth
1
VOUT = 5 V p-p
RLOAD = 500
Ω±5 V
25.5
MHz
VOUT = 20 V p-p
RLOAD = 1 k
Ω±15 V
8.0
MHz
Slew Rate
RLOAD = 1 k
Ω±5 V
350
400
V/
µs
Gain = –1
±15 V
450
500
V/
µs
0, +5 V
250
300
V/
µs
Settling Time to 0.1%
–2.5 V to +2.5 V
±5 V
45
ns
0 V–10 V Step, AV = –1
±15 V
45
ns
to 0.01%
–2.5 V to +2.5 V
±5 V
80
ns
0 V–10 V Step, AV = –1
±15 V
80
ns
Total Harmonic Distortion
FC = 1 MHz
±15 V
63
dB
Differential Gain Error
NTSC
±15 V
0.005
0.01
%
(RL = 150
Ω)
Gain = +2
±5 V
0.01
0.02
%
0, +5 V
0.08
%
Differential Phase Error
NTSC
±15 V
0.045
0.09
Degrees
(RL = 150
Ω)
Gain = +2
±5 V
0.06
0.09
Degrees
0, +5 V
0.1
Degrees
Cap Load Drive
10
pF
INPUT OFFSET VOLTAGE
±5 V to ±15 V
0.5
2
mV
TMIN to TMAX
3mV
Offset Drift
10
µV/°C
INPUT BIAS CURRENT
±5 V, ±15 V
3.3
6.6
nA
TMIN
10
nA
TMAX
4.4
nA/
°C
INPUT OFFSET CURRENT
±5 V, ±15 V
25
300
nA
TMIN to TMAX
500
nA
Offset Current Drift
0.3
nA/
°C
OPEN-LOOP GAIN
VOUT =
±2.5 V
±5 V
RLOAD = 500
Ω
3
5
V/mV
TMIN to TMAX
2
V/mV
RLOAD = 150
Ω
2
4
V/mV
VOUT =
±10 V
±15 V
RLOAD = 1 k
Ω
6
9
V/mV
TMIN to TMAX
3
V/mV
VOUT =
±7.5 V
±15 V
RLOAD = 150
Ω
(50 mA Output)
3
5
V/mV
COMMON-MODE REJECTION
VCM =
±2.5 V
±5 V
82
100
dB
VCM =
±12 V
±15 V
86
120
dB
TMIN to TMAX
±15 V
84
100
dB
POWER SUPPLY REJECTION
VS =
±5 V to ±15 V
80
90
dB
TMIN to TMAX
80
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±5 V, ±15 V
10
nV/
√Hz
INPUT CURRENT NOISE
f = 10 kHz
±5 V, ±15 V
1.5
pA/
√Hz
REV. B
–2–
AD818–SPECIFICATIONS (@ T
A = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com