Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECR20-R051JB Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # ECR20-R051JB
Description  Flat Type Extremely-Low Resistance Chip Resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

ECR20-R051JB Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  ECR20-R051JB Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
ECR**
ECR**
ECR**
ECR**
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
【Structure】
【Structure】
【Structure】
【Structure】
No.
1
2
3
4
5
6
7
8
* Design・specification are subject to change without prior notice. Please check before purchase and use.
0.50 +0.15/-0.05
(Unit: mm)
Model No.
L
W
t
c
d
0.40±0.20
0.40±0.20
2.50±0.15
0.56±0.15
0.25±0.25
0.60±0.25
ECR32
ECR32
ECR32
ECR32
3.20±0.10
1.60±0.10
0.55±0.10
0.40±0.20
0.55±0.10
ECR20
ECR20
ECR20
ECR20
2.00 +0.20/-0.10 1.25 +0.20/-0.10
ECR50
ECR50
ECR50
ECR50
5.00±0.15
Model No.
Rated power (W) at 70℃
Tolerance
Range (Ω)
TCR (ppm/℃)
ECR20
ECR20
ECR20
ECR20
0.250
0.250
0.250
0.250
F (±1.0%)
F (±1.0%)
F (±1.0%)
F (±1.0%)
0.05~0.091
0.05~0.091
0.05~0.091
0.05~0.091
±100
±100
±100
±100
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
±100
±100
±100
±100
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
ECR32
ECR32
ECR32
ECR32
0.500
0.500
0.500
0.500
F (±1.0%)
F (±1.0%)
F (±1.0%)
F (±1.0%)
0.05~0.091
0.05~0.091
0.05~0.091
0.05~0.091
±100
±100
±100
±100
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
ECR50
ECR50
ECR50
ECR50
1.000
1.000
1.000
1.000
Element Name
Ceramic substrate
Ceramic substrate
Ceramic substrate
Ceramic substrate
Bottom electrode
Bottom electrode
Bottom electrode
Bottom electrode
Ni plating
Ni plating
Ni plating
Ni plating
Sn plating
Sn plating
Sn plating
Sn plating
Conductor
Conductor
Conductor
Conductor
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅰ
Side electrode
Side electrode
Side electrode
Side electrode
Cu plating
Cu plating
Cu plating
Cu plating
F (±1.0%)
F (±1.0%)
F (±1.0%)
F (±1.0%)
0.05~0.091
0.05~0.091
0.05~0.091
0.05~0.091
Flat Type Extremely-Low Resistance Chip Resistor
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
2
3
4
6
7
5
8
1
chip resistor for current detection
chip resistor for current detection
chip resistor for current detection
chip resistor for current detection
))))
~
~
~
~
mΩ
mΩ
mΩ
mΩ
50
50
50
50
((((
resistance
resistance
resistance
resistance
low
low
low
low
-
--
-
Extremely
Extremely
Extremely
Extremely
■
■
■
■
solderings are applicable.
solderings are applicable.
solderings are applicable.
solderings are applicable.
Reflow, Flow
Reflow, Flow
Reflow, Flow
Reflow, Flow
■
■
■
■
product.
product.
product.
product.
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
■
■
■
■
V
V
V
V
J
J
J
J
051
051
051
051
R
R
R
R
-
--
-
20
20
20
20
ECR
ECR
ECR
ECR
①
①
①
①
②
②
②
②
③
③
③
③
④
④
④
④
Model No.
Size
Marking
Resistance
Symbol
Tolerance
Symbol
Form
ECR20
2012
R051
51mΩ
F
±1.0%
V
Paper tape
ECR32
3216
J
±5.0%
E
Emboss tape
ECR50
5025
B
Bulk
①Model No.
②Resistance Value
③Resistance Tolerance
③Packing Form
R051=51mΩ
R is decimal point.


Similar Part No. - ECR20-R051JB

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
Flat Type Extremely-Low Resistance Chip Resistor
logo
Energizer
ECR2025B ENERGIZER-ECR2025B Datasheet
191Kb / 1P
Industry Standard Dimensions
More results

Similar Description - ECR20-R051JB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR731ET KOA-SR731ET Datasheet
128Kb / 8P
Low Resistance Flat Chip Resistors
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
logo
HOKURIKU ELECTRIC INDUS...
UCR16-10GMV HOKURIKU-UCR16-10GMV Datasheet
62Kb / 1P
Flat Type Ultra-High Resistance Chip Resistor
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
Flat Type Low Resistance Chip Resistor
E011404 HOKURIKU-E011404 Datasheet
248Kb / 2P
Flat Type Chip Fuse Resistor
logo
KOA Speer Electronics, ...
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
Low Resistance Value Chip Resistor
logo
KOA Speer Electronics, ...
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
UR73V KOA-UR73V Datasheet
96Kb / 2P
low resistance flat chip resistor
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
Flat Type Extremely-Low Resistance Chip Resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com