Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCRS16-R47JB Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # LCRS16-R47JB
Description  Sulfurization-proof Low Resistance Chip Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

LCRS16-R47JB Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  LCRS16-R47JB Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model Designation
Rating
Operating temperature range : -55
~ +125
Dimension, Power rating, Packaging
Refer "Dimension, Packaging,etc."
Rated Wattage
Resistance Range
T.C.R.
(W)
E-24 Series Standard (
)
(ppm/
)
G±2
J±5
2
5
F
±1
0.20 ~ 0.91
LCRS20
G
±2
J±5
F
±1
0.20 ~ 0.91
±100
LCRS32
G
±2
J±5
F
±1
0.20 ~ 0.91
±100
LCRS35
G
±2
J±5
F
±1
0.20 ~ 0.91
±100
LCRS50
G
±2
J±5
0.10 ~ 0.91
±200
Model No.
0.125
0.250
0.500
0.750
0.10 ~ 0.91
±200
0.10 ~ 0.91
±200
0.20 ~ 0.91
±300
±200
0.10 ~ 0.91
Tolerance
(%)
LCRS16
0.100
G±
J±
0.20 ~ 0.91
±300
LCRS10
0.100
Sulfurization-proof Low Resistance Chip Resistors
LCRS16
R47
LCRS10
LCRS16
3 digit
Symbol
Tolerance
Symbol
Packaging
LCRS20
F± 1
B
Bulk
LCRS32
(Resistance) (Marking)
G± 2
V
Paper taping
LCRS35
0.47
R47
J± 5
E
Embossed taping
LCRS50
No marking on LCRS10
JV
Features
Model No.
Size Code
mm
inch
Size Code
LCRS50
LCRS35
LCRS32
LCRS20
LCRS16
LCRS10
1005
1608
2012
3216
3225
5025
0402
0603
0805
1206
1210
2010
Use of special protective material made excellent sulfurization-proof characteristic.
Both reflow and flow soldering are applicable.
Superior endurance to heat and environment, due to metal-glaze thick film materials.
Applications
Peripheral Circuit of power supply
Circuit with possibility of causing sulfurization phenomenon
Specifications are subject to change without notice.
HOKURIKU
Model No.
Resistance
Tolerance
Packaging
Model No.
Resistance
Tolerance(%)
Packaging
hyphen
-


Similar Part No. - LCRS16-R47JB

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LCRSH30121209H104OS0 HUBERSUHNER-LCRSH30121209H104OS0 Datasheet
778Kb / 2P
LISA splice cassette right, 12xSM, FC UPC, TIA
LCRSH88122409H100OS0 HUBERSUHNER-LCRSH88122409H100OS0 Datasheet
728Kb / 2P
LISA splice cassette right, 12xSM, LC UPC
LCRSH88122409H104OS0 HUBERSUHNER-LCRSH88122409H104OS0 Datasheet
728Kb / 2P
LISA splice cassette right, 12xSM, LC UPC, TIA
LCRSH88122454H104OL0 HUBERSUHNER-LCRSH88122454H104OL0 Datasheet
738Kb / 2P
LISA splice cassette right, 12xOM4, LC PC, TIA
LCRSH89122409H100OS0 HUBERSUHNER-LCRSH89122409H100OS0 Datasheet
597Kb / 1P
LISA splice cassette right, 12xSM, LC APC
More results

Similar Description - LCRS16-R47JB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
Low Resistance Precision Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011407 HOKURIKU-E011407 Datasheet
267Kb / 2P
Sulfurization-proof Chip Resistor
CRES16-103JV HOKURIKU-CRES16-103JV Datasheet
164Kb / 1P
Sulfurization-proof Type Chip Resistor
WCRES32-103JV HOKURIKU-WCRES32-103JV Datasheet
165Kb / 1P
Sulfurization-proof Type Wide Terminal Chip Resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
CRES06 HOKURIKU-CRES06 Datasheet
152Kb / 1P
Sulfurization-proof Type Chip Resistor
CRS10 HOKURIKU-CRS10 Datasheet
267Kb / 2P
Sulfurization-proof Chip Resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com