Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8170ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8170ARZ-R7
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8170ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8170ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8170ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8170/AD8174
–6–
REV. 0
20ns/DIV
G = +2
RF = 499 (AD8170R)
RF = 549 (AD8174R)
RL = 100
Figure 10. Small Signal Pulse Response
10ns/DIV
VOUT = 4V p-p
G = +2
RF = 499
(AD8170R)
RF = 549
(AD8174R)
RL = 100
Figure 11. Large Signal Transient Response
12345
6
7
8
9
10
11
IRE
12345
6
7
8
9
10
11
IRE
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
0.05
RL = 150Ω
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
G = +2
Figure 12. Differential Gain and Phase Error
FREQUENCY – Hz
–20
–30
–10
0.1
1G
1M
10M
100M
–60
–90
–100
–110
–40
–50
–80
–70
VIN = +0.707V rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
AD8170R
AD8174R
Figure 13. All-Hostile Crosstalk vs. Frequency
FREQUENCY – MHz
–20
–30
–120
0.1
500
1
10
100
–60
–90
–100
–110
–40
–50
–80
–70
VIN = +0.354V rms
G = +2
RF = 549Ω
RL = 100Ω
ENABLE = LOGIC 1
SD = LOGIC 0
SHUTDOWN ISOLATION
0.03
DISABLE ISOLATION
SD = LOGIC 1
ENABLE = LOGIC 0
Figure 14. AD8174R Disable and Shutdown Isolation
vs. Frequency
FREQUENCY – Hz
100
10
1
10
1M
100
1k
10k
100k
100
10
1
VNOISE
INVERTING INPUT I
SWITCHING INPUT I
Figure 15. Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com