Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824 Datasheet(PDF) 2 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 2 Page - Analog Devices

  AD824 Datasheet HTML 1Page - Analog Devices AD824 Datasheet HTML 2Page - Analog Devices AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD824–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
AD824A
VOS
0.1
1.0
mV
TMIN to TMAX
1.5
mV
Offset Voltage
AD824B
VOS
300
µV
TMIN to TMAX
900
µV
Input Bias Current
IB
212
pA
TMIN to TMAX
300
4000
pA
Input Offset Current
IOS
210
pA
TMIN to TMAX
300
pA
Input Voltage Range
–0.2
3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2 V
66
80
dB
VCM = 0 V to 3 V
60
74
dB
TMIN to TMAX
60
dB
Input Impedance
1013 3.3
Ω pF
Large Signal Voltage Gain
AVO
VO = 0.2 V to 4.0 V
RL = 2 k
Ω
20
40
V/mV
RL = 10 kΩ
50
100
V/mV
RL = 100 k
Ω
250
1000
V/mV
TMIN to TMAX, RL = 100 k
Ω
180
400
V/mV
Offset Voltage Drift
∆V
OS/∆T2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ISOURCE = 20 µA
4.975
4.988
V
TMIN to TMAX
4.97
4.985
V
ISOURCE = 2.5 mA
4.80
4.85
V
TMIN to TMAX
4.75
4.82
V
Output Voltage Low
VOL
ISINK = 20 µA15
25
mV
TMIN to TMAX
20
30
mV
ISINK = 2.5 mA
120
150
mV
TMIN to TMAX
140
200
mV
Short Circuit Limit
ISC
Sink/Source
±12
mA
TMIN to TMAX
±10
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V
70
80
dB
TMIN to TMAX
66
dB
Supply Current/Amplifier
ISY
TMIN to TMAX
500
600
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, AV = 1
2
V/
µs
Full-Power Bandwidth
BWP
1% Distortion, VO = 4 V p-p
150
kHz
Settling Time
tS
VOUT = 0.2 V to 4.5 V, to 0.01%
2.5
µs
Gain Bandwidth Product
GBP
2
MHz
Phase Margin
φo
No Load
50
Degrees
Channel Separation
CS
f = 1 kHz, RL = 2 kΩ
–123
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.8
fA/
√Hz
Total Harmonic Distortion
THD
f = 10 kHz, RL = 0, AV = +1
0.005
%
(@ VS = +5.0 V, VCM = 0 V, VOUT = 0.2 V, TA = +25 C unless otherwise noted)
–2–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com