Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD825 Datasheet(PDF) 2 Page - Analog Devices

Part # AD825
Description  Low Cost, General Purpose High Speed JFET Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 2 Page - Analog Devices

  AD825 Datasheet HTML 1Page - Analog Devices AD825 Datasheet HTML 2Page - Analog Devices AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. C
AD825–SPECIFICATIONS (@ T
A = +25 C, V
S =
15 V unless otherwise noted)
AD825A
Parameter
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
±15 V
23
26
MHz
Bandwidth for 0.1 dB Flatness
Gain = +1
±15 V
18
21
MHz
–3 dB Bandwidth
Gain = +1
±15 V
44
46
MHz
Slew Rate
RLOAD = 1 k
Ω, G = 1
±15 V
125
140
V/
µs
Settling Time to 0.1%
0 V–10 V Step, AV = –1
±15 V
150
180
ns
Settling Time to 0.01%
0 V–10 V Step, AV = –1
±15 V
180
220
ns
Total Harmonic Distortion
FC = 1 MHz, G = –1
±15 V
–77
dB
Differential Gain Error
NTSC
±15 V
1.3
%
(RLOAD = 150
Ω)
Gain = +2
Differential Phase Error
NTSC
±15 V
2.1
Degrees
(RLOAD = 150 Ω)
Gain = +2
INPUT OFFSET VOLTAGE
±15 V
1
2
mV
TMIN to TMAX
5mV
Offset Drift
10
µV/°C
INPUT BIAS CURRENT
±15 V
15
40
pA
TMIN
5pA
TMAX
700
pA
INPUT OFFSET CURRENT
±15 V
20
30
pA
TMIN
5pA
TMAX
440
pA
OPEN LOOP GAIN
VOUT = ± 10 V
±15 V
RLOAD = 1 k
Ω
70
76
dB
VOUT =
±7.5 V
±15 V
RLOAD = 1 kΩ
70
76
dB
VOUT =
±7.5 V
±15 V
RLOAD = 150
Ω
72
74
dB
(50 mA Output)
COMMON-MODE REJECTION
VCM = ± 10 V
±15 V
71
80
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±15 V
12
nV/
√Hz
INPUT CURRENT NOISE
f = 10 kHz
±15 V
10
fA/
√Hz
INPUT COMMON-MODE
VOLTAGE RANGE
±15 V
±13.5
V
OUTPUT VOLTAGE SWING
RLOAD = 1 k
Ω±15 V
13
±13.3
V
RLOAD = 500
Ω±15 V
12.9
±13.2
V
Output Current
±15 V
50
mA
Short-Circuit Current
±15 V
100
mA
INPUT RESISTANCE
5
× 10
11
Ω
INPUT CAPACITANCE
6pF
OUTPUT RESISTANCE
Open Loop
8
Ω
POWER SUPPLY
Quiescent Current
±15 V
6.5
7.2
mA
TMIN to TMAX
±15 V
7.5
mA
NOTES
All limits are determined to be at least four standard deviations away from mean value.
.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com