Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD828 Datasheet(PDF) 4 Page - Analog Devices

Part # AD828
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828 Datasheet(HTML) 4 Page - Analog Devices

  AD828 Datasheet HTML 1Page - Analog Devices AD828 Datasheet HTML 2Page - Analog Devices AD828 Datasheet HTML 3Page - Analog Devices AD828 Datasheet HTML 4Page - Analog Devices AD828 Datasheet HTML 5Page - Analog Devices AD828 Datasheet HTML 6Page - Analog Devices AD828 Datasheet HTML 7Page - Analog Devices AD828 Datasheet HTML 8Page - Analog Devices AD828 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD828–Typical Characteristics
REV. B
–4–
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
–VCM
+VCM
Figure 4. Common-Mode Voltage Range vs. Supply
Voltage
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
RL = 150
RL = 500
Figure 5. Output Voltage Swing vs. Supply Voltage
30
0
10k
15
5
100
10
10
20
1k
25
LOAD RESISTANCE –
Vs =
15V
Vs =
5V
Figure 6. Output Voltage Swing vs. Load Resistance
–40
°C
7.7
5.7
020
7.2
6.2
5
6.7
10
15
SUPPLY VOLTAGE –
Volts
+25
°C
+85
°C
Figure 7. Quiescent Supply Current per Amp vs. Supply
Voltage for Various Temperatures
20
5
015
10
SUPPLY VOLTAGE –
Volts
300
400
450
500
350
Figure 8. Slew Rate vs. Supply Voltage
FREQUENCY – Hz
100
1
0.01
1k
100M
10k
100k
1M
10M
10
0.1
Figure 9. Closed-Loop Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com