Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCR50-R10JE Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # WLCR50-R10JE
Description  High Power Low Resistance Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

WLCR50-R10JE Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  WLCR50-R10JE Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD WLCR50-R10JE Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■
Dimensions
■
Structure
■
Surface Temperature
For resistors operated in ambient temperature above70 ℃,
power rating must be derated in accordance with the
derating curve.
■ Surface Temperature
Surface temperature rise is shown in this figure.
Condition : Measured by soldering on glass
cloth base material epoxy resin (t=1.6mm).
■
Packaging
Refer "Dimension, Packaging, etc."
2
HOKURIKU
Specifications are subject to change without notice
High Power Low Resistance Chip Resistors
L
c
d
W
t
Model No.
L
W
c
d
t
WLCR32
3.20±0.15
1.60±0.15
0.30±0.20
0.50±0.20
0.55
+0.15/-0.05
WLCR50
5.00±0.20
2.50±0.20
0.50±0.20
0.60±0.20
0.56±0.15
WLCR64
6.30±0.20
3.20±0.20
0.50±0.20
0.90±0.20
0.56±0.15
①
②
③④ ⑤
⑥
Symbol
Material List
①
Ceramic Substrate
②
Conductor
③
Resistor
④
Over coat
⑤
Marking
⑥
Side Electrode
100
0
80
60
40
20
-55℃
0℃
70℃
155℃
Ambient Temperature(℃)
150
100
50
0
100
200
300
50
Power rating (%)
WLCR50
WLCR64
WLCR32
Unit : mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com