Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCR64-R10FV Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # WLCR64-R10FV
Description  High Power Low Resistance Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

WLCR64-R10FV Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  WLCR64-R10FV Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD WLCR64-R10FV Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
Model Designation
Rating
High Power Low Resistance Chip Resistors
1
HOKURIKU
Specifications are subject to change without notice
.
High power type, milliohm resistor product. Low resistance range covers from 10mΩ.
Wide terminal made higher reliability of solder joint, compared to conventional chip resistor.
Wide terminal made possible high power handling. (Rated power, WLCR64: 2W, WLCR50: 1W, WLCR32: 0.5W)
High joint-strength against heat shock.
Automotive electronics such as E.C.U., etc.
Circuits requiring high resistance to vibration
For current detection
WLCR32
R10
J
V
Model No.
Resistance
Tolerance
Packaging
Model No.
Rated Wattage
Tolerance
Resistance
T.C.R.
Max. Working
Max. Overload
(W)
(%)
(mΩ)(ppm/℃)
Voltage (V)
Voltage (V)
10~33
±500
36~91
±350
100~910
±200
F: ±1%
100~976
±200
10~33
±500
36~91
±350
100~910
±200
F: ±1%
100~976
±200
10~33
±500
36~91
±350
100~910
±200
F: ±1%
100~976
±200
Operating Temperature Range : -55℃~+155℃
400
WLCR64
2.0
J: ±5%
200
400
WLCR50
1.0
J: ±5%
200
400
WLCR32
0.5
J: ±5%
200
Model No.
WLCR32
Symbol Tolerance(%)
Symbol
Packaging
WLCR50
F
± 1.0
B
Bulk
WLCR64
J
± 5.0
V
Paper taping (WLCR32)
10mΩ
R010
470mΩ
R47
102mΩ
R102
Tolerance
Pckging
  3 or 4 digit
Resistance
Embossed taping
(WLCR50,WLCR64)
(Example)
E
(Less than 100mΩ: all 4 digit
Model No.
WLCR32
WLCR50
WLCR64
Size Code
INCH
1206
2010
2512
Size Code
mm
3216
5025
6432


Similar Part No. - WLCR64-R10FV

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLCR010FE OHMITE-WLCR010FE Datasheet
430Kb / 2P
Very low inductance
WLCR015FE OHMITE-WLCR015FE Datasheet
120Kb / 1P
Miniature Wirewound Current Sense
WLCR015FE OHMITE-WLCR015FE Datasheet
430Kb / 2P
Very low inductance
WLCR01FE OHMITE-WLCR01FE Datasheet
120Kb / 1P
Miniature Wirewound Current Sense
WLCR020FE OHMITE-WLCR020FE Datasheet
430Kb / 2P
Very low inductance
More results

Similar Description - WLCR64-R10FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
High resistance chip resistors
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
High Power Low Resistance Chip Resistors
RLH20FECR200 ETC-RLH20FECR200 Datasheet
457Kb / 8P
High Power Low Resistance Chip Resistors
RLH25FECR100 ETC-RLH25FECR100 Datasheet
472Kb / 8P
High Power Low Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com