Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCR64-R10JV Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # WLCR64-R10JV
Description  High Power Low Resistance Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

WLCR64-R10JV Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  WLCR64-R10JV Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD WLCR64-R10JV Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■
Features
■
Applications
■
Model Designation
■
Rating
High Power Low Resistance Chip Resistors
1
HOKURIKU
Specifications are subject to change without notice
.
・
High power type, milliohm resistor product. Low resistance range covers from 10mΩ.
・
Wide terminal made higher reliability of solder joint, compared to conventional chip resistor.
・
Wide terminal made possible high power handling. (Rated power, WLCR64: 2W, WLCR50: 1W, WLCR32: 0.5W)
・
High joint-strength against heat shock.
・
Automotive electronics such as E.C.U., etc.
・
Circuits requiring high resistance to vibration
・
For current detection
WLCR32
R10
J
V
①
Model No.
②
Resistance
③
Tolerance
④
Packaging
Model No.
Rated Wattage
Tolerance
Resistance
T.C.R.
Max. Working
Max. Overload
(W)
(%)
(mΩ)(ppm/℃)
Voltage (V)
Voltage (V)
10~33
±500
36~91
±350
100~910
±200
F: ±1%
100~976
±200
10~33
±500
36~91
±350
100~910
±200
F: ±1%
100~976
±200
10~33
±500
36~91
±350
100~910
±200
F: ±1%
100~976
±200
Operating Temperature Range : -55℃~+155℃
400
WLCR64
2.0
J: ±5%
200
400
WLCR50
1.0
J: ±5%
200
400
WLCR32
0.5
J: ±5%
200
①
Model No.
WLCR32
Symbol Tolerance(%)
Symbol
Packaging
WLCR50
F
± 1.0
B
Bulk
WLCR64
J
± 5.0
V
Paper taping (WLCR32)
10mΩ
→
R010
470mΩ
→
R47
102mΩ
→
R102
③
Tolerance
④
Pckging
  3 or 4 digit
②
Resistance
Embossed taping
(WLCR50,WLCR64)
(Example)
E
(Less than 100mΩ: all 4 digit
Model No.
WLCR32
WLCR50
WLCR64
Size Code
INCH
1206
2010
2512
Size Code
mm
3216
5025
6432


Similar Part No. - WLCR64-R10JV

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLCR010FE OHMITE-WLCR010FE Datasheet
430Kb / 2P
Very low inductance
WLCR015FE OHMITE-WLCR015FE Datasheet
120Kb / 1P
Miniature Wirewound Current Sense
WLCR015FE OHMITE-WLCR015FE Datasheet
430Kb / 2P
Very low inductance
WLCR01FE OHMITE-WLCR01FE Datasheet
120Kb / 1P
Miniature Wirewound Current Sense
WLCR020FE OHMITE-WLCR020FE Datasheet
430Kb / 2P
Very low inductance
More results

Similar Description - WLCR64-R10JV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
High resistance chip resistors
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
High Power Low Resistance Chip Resistors
RLH20FECR200 ETC-RLH20FECR200 Datasheet
457Kb / 8P
High Power Low Resistance Chip Resistors
RLH25FECR100 ETC-RLH25FECR100 Datasheet
472Kb / 8P
High Power Low Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com